PART |
Description |
Maker |
LTC3611 LTC3610 |
20V, 5A Synchronous Step-Down Regulator
|
Linear Technology
|
LTC3633AEUFD-2 |
Dual Channel 3A 20V Monolithic Synchronous Step-Down Regulator Board
|
Linear Technology
|
MP28257DD |
4A, Fast Transient, 4.2V-to-20V Input Synchronous Step-Down Converter 2mmx3mm QFN12
|
Monolithic Power Systems
|
LTC3633A-2 LTC3633A-3 LTC3601 LT3626 |
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
|
Linear Technology
|
MIC5208 MIC5208-3.0BMM MIC5208-3.3BMM MIC5208-3.6B |
4.5V to 20V, 3A Synchronous Step Down SWIFT Converter 1.5Vout 16-HTSSOP -40 to 85 Dual 50mA LDO Voltage Regulator Preliminary Information
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
IRF3704 IRF3704L IRF3704S IRF3704STRL IRF3704STRR |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A? Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A) Power MOSFET(Vdss=20V Rds(on)max=9.0mohm Id=77A) Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A?) Power MOSFET(Vdss=20V/ Rds(on)max=9.0mohm/ Id=77A) CONNECTOR, PICOFLEX, 4WAY; Connector type:Wire-to-Board; Ways, No. of:4; Termination method:Crimp; Rows, No. of:2; Pitch:1.27mm; Series:91935 RoHS Compliant: Yes 功率MOSFET(减振钢板基本\u003d 20V的,的Rds(on)最大值\u003d 9.0mohm,身份证\u003d 77A条? TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 77A I(D) | TO-263AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
CDBF0320-HF |
Halogen Free Schottky Barrier Diodes, V-RRM=20V, V-R=20V, I-O=0.35A
|
Comchip Technology
|
GS816033T-166I GS816019T-133 GS816019T-150 GS81601 |
166MHz 512K x 32 synchronous SRAM 133MHz 1M x 18 synchronous SRAM 150MHz 1M x 18 synchronous SRAM 166MHz 1M x 18 synchronous SRAM 200MHz 1M x 18 synchronous SRAM 225MHz 1M x 18 synchronous SRAM 250MHz 1M x 18 synchronous SRAM
|
GSI Technology
|
KE3587-G |
N-channel:VDS=20V ID=4A Drain-Source Voltage Vds 20V
|
TY Semiconductor Co., Ltd
|
STS4DPF20L 8006 |
DUAL P-CHANNEL 20V - 0.07 OHM - 4A SO-8 STRIPFET POWER MOSFET DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFET⑩ POWER MOSFET From old datasheet system DUAL P-CHANNEL 20V - 0.07 OHM - 4A SO-8 STRIPFET POWER MOSFET Dual P-CHANNEL POWER MOSFET DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFETPOWER MOSFET 双P沟道20V 0.07欧姆- 4A条的SO - 8 STripFET⑩功率MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|