PART |
Description |
Maker |
KV31P100M120SF8 MKV31F256VLL12 MKV31F256VLH12P |
Kinetis KV31F 256 KB Flash
|
NXP Semiconductors
|
MK22FN512VDC12 MK22FN512VFX12 MK22FN512VLH12 MK22F |
Kinetis K22F 512KB Flash
|
NXP Semiconductors
|
MK22FN128VDC10 |
Kinetis K22F 128KB Flash
|
NXP Semiconductors
|
KV30P64M100SFA |
Kinetis KV30F 64 KB/128 KB Flash
|
NXP Semiconductors
|
STM32F103RET6 STM32F103ZET6 STM32F103ZEH7 STM32F10 |
256 to 512 Kbytes of Flash memory High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
|
STMicroelectronics
|
KV11P64M75 |
Kinetis V Series KV10 and KV11, 128/64 KB Flash
|
NXP Semiconductors
|
AM29LV102B AM29LV102BB-120EC AM29LV102BB-120ECB AM |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory IC SMT SRAM 128K X 8 70NS 5V SOP-32 SRAM; Memory Type:Asynchronous SRAM; Memory Size:1MB; Memory Configuration:64K x 16; Access Time, Tacc:10ns; Package/Case:44-TSOP-II; Operating Temp. Max:70 C; Operating Temp. Min:0 C RoHS Compliant: Yes 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory 256K X 8 FLASH 3V PROM, 120 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory 2兆位256亩8位).0伏的CMOS只,引导扇区32引脚闪存
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29F200A-1 AM29F200AB-120DGC AM29F200AB-120DGC1 A |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash MemoryDie Revision 1 PCB COPPER CLAD 6X9 1/32 2-SIDE DIN Audio Connector; Number of Contacts:5; Contact Termination:Solder; Mounting Type:Panel; Gender:Receptacle; Contact Plating:Silver; Series:C091A 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 256K X 8 FLASH 5V PROM, 90 ns, UUC42 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 M39012 MIL RF CONNECTOR 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29F002T-90JCB AM29F002T-55EI AM29F002T-55JC AM29 |
FLASH 5V PROM, PDSO32 FLASH 5V PROM, PDIP32 High Speed CMOS Logic Inverting Octal Buffer/Line Drivers with 3-State Outputs 20-CDIP -55 to 125 2兆位56亩8位)的CMOS 5.0伏,只引导扇区闪 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 120 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 2兆位256亩8位)的CMOS 5.0伏,只引导扇区闪 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 55 ns, PDIP32 High Speed CMOS Logic Octal D-Type Flip-Flops with Reset 20-CDIP -55 to 125 256K X 8 FLASH 5V PROM, 55 ns, PQCC32 High Speed CMOS Logic Triple 3-Input NOR Gates 14-CDIP -55 to 125 256K X 8 FLASH 5V PROM, 55 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 2兆位56亩8位)的CMOS 5.0伏,只引导扇区闪 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 55 ns, PDSO32 CAP, 180UF, 2V, 20%, 7343-28 High Speed CMOS Logic Non-Inverting Quad 2-Input Multiplexer with 3-State Outputs 16-CDIP -55 to 125 High Speed CMOS Logic Non-Inverting Octal Buffer/Line Drivers with 3-State Outputs 20-CDIP -55 to 125 MB 12C 8#20 4#16 PIN RECP High Speed CMOS Logic Non-Inverting Octal-Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 CAP,22uF,12.5VDC,20-% Tol,20 % Tol RoHS Compliant: Yes High Speed CMOS Logic 8-Bit Addressable Latch 16-CDIP -55 to 125 Am29F002/F002N - 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory LM3075 High Efficiency, Synchronous Current Mode Buck Controller; Package: TSSOP; No of Pins: 20; Qty per Container: 73; Container: Rail 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
|
ADVANCED MICRO DEVICES INC SPANSION LLC http:// Advanced Micro Devices, Inc. ATMEL Corporation
|
IDT728985 IDT728985DB IDT728985J IDT728985J8 IDT72 |
TSI-TDM Switches 256 x 256 Time Slot Interchange Digital Switch, 5.0V 256 x 256 TSI, 8 I/O at 2Mbps, Variable/Constant Delay, 5.0V
|
Integrated Device Technology IDT
|
AM29SL400CT100REI AM29SL400CT150WAF AM29SL400CB120 |
CAP 150UF 4V 20% TANT SMD-7343-30 TR-7 M16C Series, 6N4 Group, 3-ch IEBus, 3-phase PWM, CRC 100P6Q-A; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PLQP0100KB-A High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 High Speed CMOS Logic Octal InvertingTransparent Latch with 3-State Outputs 20-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48 High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 High Speed CMOS Logic Octal Positive-Edge Triggered D-Type Flip-Flops with 3-State Outputs 20-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 High Speed CMOS Logic 12-Stage Binary Counter 16-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 120 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 110 ns, PDSO48 High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 100 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48
|
Spansion Inc. Spansion, Inc. Xicon Passive Components Amphenol, Corp.
|
|