PART |
Description |
Maker |
FCPF22N60NT FCP22N60N |
N-Channel MOSFET 600V, 22A, 0.165W 600V N-Channel MOSFET, SupreMOS™; 3-TO-220 22 A, 600 V, 0.165 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp.
|
STS1HNC60 |
N-CHANNEL 600V 7 OHM 0.4A SO-8 POWERMESH II MOSFET N-CHANNEL 600V - 7ohm - 0.4A SO-8 PowerMesh?II MOSFET N-CHANNEL 600V - 7ohm - 0.4A SO-8 PowerMesh⑩II MOSFET N沟道600V 7ohm - 0.4A的SO - 8 MOSFET的第二PowerMesh
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
IRFPC60LC-P IRFPC60LC-PPBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-247SM package TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 16A I(D) | TO-247AC 16 A, 600 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC TO-247AC, 3 PIN
|
International Rectifier Vishay Intertechnology, Inc.
|
STH10NC60FI STW10NC60 STH10NC60 |
N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?┥I MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?II MOSFET N-CHANNEL 600V - 0.6 OHM - 10A - TO-247/ISOWATT218 POWERMESH MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMeshII MOSFET N-CHANNEL Power MOSFET N-CHANNEL Power MOS MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh⑩II MOSFET N沟道600V 0.6ohm - 10A TO-247/ISOWATT218 PowerMesh第二MOSFET的⑩ N-CHANNEL 600V - 0.6 OHM - 10A - TO-247/ISOWATT218 POWERMESH MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
FDPF17N60NT FDP17N60N |
N-Channel MOSFET 600V, 17A, 0.34Ω N-Channel MOSFET 600V, 17A, 0.34惟 N-Channel MOSFET 600V, 17A, 0.34楼?
|
Fairchild Semiconductor
|
STP2NC60 STP2NC60FP 7506 |
N-CHANNEL 600V - 7ohm - 1.9A - TO-220/TO-220FP PowerMesh?II MOSFET N-CHANNEL 600V 7 OHM 1.9A TO-220-TO-220FP POWERME N-CHANNEL 600V 7 OHM 1.9A TO-220/TO-220FP POWERMESH II MOSFET From old datasheet system N-CHANNEL 600V - 7ohm - 1.9A - TO-220/TO-220FP PowerMesh⑩II MOSFET N-CHANNEL 600V 7 OHM 1.9A TO-220/TO-220FP POWERMESH II MOSFET
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FQU1N60C FQD1N60C FQD1N60CTF FQD1N60CTM FQU1N60CTU |
600V N-Channel Advance QFET C-Series 600V N-Channel MOSFET From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
IRFBC30S IRFBC30L |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
|
IRF[International Rectifier]
|
IRFBC40 |
CAP CER 1000PF 100V 20% X7R 0603 6.2 A, 600 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 6.2A/ 600V/ 1.200 Ohm/ N-Channel Power MOSFET 6.2A, 600V, 1.200 Ohm, N-Channel Power MOSFET
|
Intersil, Corp. Intersil Corporation
|
STP8NC60 STP8NC60FP |
N - CHANNEL POWER MOSFET N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP PowerMesh⑩II MOSFET N沟道600V 0.85ohm -A TO-220/TO-220FP PowerMesh第二MOSFET的⑩ N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP PowerMesh?II MOSFET N-CHANNEL 600V 0.85 OHM 7A TO-220/TO-220FP POWERMESH II MOSFET
|
STMicroelectronics N.V. ST Microelectronics
|
STP11NM60A STP11NM60AFP STB11NM60A-1 |
11 A, 600 V, 0.45 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmesh⑩Power MOSFET N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmeshPower MOSFET N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmesh?Power MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
IRFPC40 IRFPC40PBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.8A)
|
IRF[International Rectifier]
|