PART |
Description |
Maker |
22-03-2131 22-03-2201 22-10-2231 22-10-2261 22-03- |
Header Connector,PCB Mnt,RECEPT,13 Contacts,PIN,0.100 Pitch,PC TAIL Terminal 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,20 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 20 Au 23Ckt 23 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 20 Au 26Ckt 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert Tin 21Ckt 21 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 20 Au 17Ckt 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER,SQPIN0.1in10WAY 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header, Vertical; No. of Contacts:16; Pitch Spacing:2.54mm; No. of Rows:1; Gender:Header; Series:4030; Body Material:PA Polyamide (Nylon) 6/6; Current Rating:4A; Voltage Rating:250V KK 100 Hdr Flat Vert Tin 24Ckt
|
TE Connectivity, Ltd. Molex, Inc. MOLEX INC
|
0752370105 75237-0105 |
1.85mm by 1.85mm (.073 by .073) Pitch 5-Pair GbX? Backplane Connector System, Open Header, 100 Circuits, Gold (Au) 0.76μm (30μ), Pin Length 5.55mm (.219) 1.85mm by 1.85mm (.073 by .073) Pitch 5-Pair GbX庐 Backplane Connector System, Open Header, 100 Circuits, Gold (Au) 0.76渭m (30渭), Pin Length 5.55mm (.219) MOLEX Connector
|
Molex Electronics Ltd.
|
DSPIC33EP512GM710 |
dsPIC33EP512GM710 100-Pin TQFP to 100-Pin Plug-In Module (PIM) Information Sheet
|
Microchip Technology
|
0758270205 75827-0205 |
1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX? Backplane Connector System, Open Header, 100 Circuits, Gold (Au) 0.76μm (30μ), Pin Length 5.55mm (.219) MOLEX Connector
|
Molex Electronics Ltd.
|
0758270203 75827-0203 |
1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX? Backplane Connector System, Open Header, 100 Circuits, Gold (Au) 0.76μm (30μ), Pin Length 3.55mm (.140) MOLEX Connector
|
Molex Electronics Ltd.
|
PS7211-2A PS7211-2A-F4 PS7211-2A-F3 |
CONNECTOR 连接 8-PIN SOP 100 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
|
NEC, Corp. NEC Corp. NEC[NEC]
|
0752372104 75237-2104 |
1.85mm by 1.85mm (.073 by .073) Pitch 5-Pair GbX? Backplane Connector System, Left Guide Header, 100 Circuits, Gold (Au) 0.76μm (30μ), Pin Length 4.55mm (.179) MOLEX Connector
|
Molex Electronics Ltd.
|
0702871214 70287-1214 |
2.54mm (.100) Pitch C-Grid Header, Breakaway, Dual Row, Vertical, with Retention Pin, 40 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0038000089 A-6410-6A-3 38-00-0089 |
2.54mm (.100) Pitch KK Wire-to-Board Header, Vertical Square Pin, 6 Circuits, Circuit 3 Voided MOLEX Connector
|
Molex Electronics Ltd.
|
0702871201 70287-1201 |
2.54mm (.100) Pitch C-Grid Header, Breakaway, Dual Row, Vertical, with Retention Pin, 14 Circuits, 6.10mm MOLEX Connector
|
Molex Electronics Ltd.
|
CND2050 CND2050-DAF_20 CND2050-DAF/20 |
0.5-11.5 GHz Divide by 4 Static Prescaler Circular Connector; No. of Contacts:100; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:23; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:23-35 RoHS Compliant: No
|
United Monolithic Semicondu... UMS[United Monolithic Semiconductors]
|
0022284170 A-42375-0017 |
2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, 17 Circuits, Tin (Sn) Plating Mating Pin Length 6.09mm (.240) MOLEX Connector
|
Molex Electronics Ltd.
|
|