PART |
Description |
Maker |
ZXMP6A13FTC ZXMP6A13F ZXMP6A13FTA |
P-channel MOSFET 60V P-CHANNEL ENHANCEMENT MODE MOSFET MOSFET P-CH 60V 900MA SOT-23 900 mA, 60 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ZETEX[Zetex Semiconductors] Electronic Theatre Controls, Inc. Zetex Semiconductor PLC
|
FDB10AN06A0 FDP10AN06A0 |
CAP 0.1UF 50V 5% X7R SMD-1206 TR-7-PA SN100 N-Channel PowerTrench MOSFET 60V/ 75A/ 10.5m N-Channel PowerTrench MOSFET 60V, 75A, 10.5mз N-Channel PowerTrench MOSFET 60V, 75A, 10.5mOhm
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
STD12NE06L STD12NE06L-1 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 12A I(D) | TO-251AA 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 12A条(丁)|51AA N - CHANNEL 60V - 0.09ohm- 12A TO-251/TO-252 STripFET POWER MOSFET N-CHANNEL POWER MOSFET
|
California Eastern Laboratories, Inc. STMicroelectronics ST Microelectronics
|
STP16NE06 STP16NE06FP 5315 P16NE |
11 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel 60V-0.08Ω-16A- TO-220/TO-220FP STripFETTM Power MOSFET(N沟道功率MOSFET) N沟道60V0.08Ω- 16A条,TO-220/TO-220FP STripFETTM功率MOSFET(不适用沟道功率MOSFET的) N-CHANNEL Power MOSFET From old datasheet system N - CHANNEL 60V - 0.08 - 16A - TO-220/TO-220FP STripFET? POWER MOSFET N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET N-CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FQD20N06LE FQU20N06LE FQD20N06LETM |
60V N-Channel Logic level QFET (Built in ESD Protection Diode) 60V LOGIC N-Channel MOSFET 17.2 A, 60 V, 0.075 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
FQD30N06 FQU30N06 FQD20N06 FQU20N06 FQD30N06TF |
60V N-Channel QFET 60V N-Channel MOSFET 22.7 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
IRHLF740Z4 IRHLF770Z4 IRHLF780Z4 IRHLF730Z4 IRHLF6 |
RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (TO-39) 抗辐射逻辑电平功率MOSFET通孔(到39 From old datasheet system 60V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-39 package 60V 300kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-39 package 60V 1000kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-39 package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFF024 |
60V Single N-Channel Hi-Rel MOSFET in a TO-205AF package HEXFET?TRANSISTORS 60V, N-CHANNEL
|
IRF[International Rectifier]
|
IRF9Z14STRL IRF9Z14L IRF9Z14STRR |
TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 6.7A I(D) | TO-262 TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 6.7A I(D) | TO-263AB 晶体管| MOSFET的| P通道| 60V的五(巴西)直| 6.7AI(四)|63AB
|
Sumida, Corp.
|
IRFIZ48G IRFIZ48 IRFIZ48GPBF |
Power MOSFET(Vdss=60V/ Rds(on)=12mohm/ Id=39A) Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=37A) 功率MOSFET(减振钢板基本\u003d 60V的,的Rdson)\u003d 0.018ohm,身份证\u003d 37A条) Power MOSFET(Vdss=60V Rds(on)=0.018ohm Id=37A) 60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
FDD107AN06LA0 |
N-Channel PowerTrench MOSFET 60V, 10A, 107m From old datasheet system 60V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor Corporation
|
IRFP044 |
60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=57A)
|
International Rectifier Power MOSFET
|