PART |
Description |
Maker |
2317-H-RC 2318-H-RC 2315-H-RC 2301-H-RC 2307-V-RC |
Toroidal Inductor; Series:2300; Inductance:270uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5.5A; DC Resistance Max:0.060ohm; Leaded Process Compatible:Yes 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:330uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5.2A; DC Resistance Max:0.067ohm; Leaded Process Compatible:Yes 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:180uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.8A; DC Resistance Max:0.078ohm; Leaded Process Compatible:Yes 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:10uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:20A; DC Resistance Max:0.005ohm; Leaded Process Compatible:Yes 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:33uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:11.7A; DC Resistance Max:0.013ohm; Leaded Process Compatible:Yes 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Horizontal or vertical mount
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
6725-RC 6729-RC 6731 6730-RC 6731-RC 6701-RC 6707- |
Toroidal Inductor; Series:6700; Inductance:8mH; Inductance Tolerance: /- 15 %; Current Rating:1A; DC Resistance Max:3.34ohm; Leaded Process Compatible:Yes 2 ELEMENT, 8000 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:6700; Inductance:100uH; Inductance Tolerance: /- 15 %; Current Rating:2.5A; DC Resistance Max:0.08ohm; Leaded Process Compatible:Yes 2 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors (with header)
|
Bourns, Inc. Bourns Electronic Solutions
|
TBV-350M-3A-6026 TBV-150M-2A-4426 |
TOROIDAL INDUCTOR
|
Superworld Electronics
|
1XF0506-VO52 |
TOROIDAL INDUCTOR
|
XFMRS Inc.
|
TBC3217-850M-26 TBC3217-850M-52 TBC3217 TBC3217-15 |
TOROIDAL INDUCTOR
|
Superworld Electronics
|
3XF0250-VP |
TOROIDAL INDUCTOR
|
XFMRS Inc.
|
TBC1711-111M-52 TBC1711-390M-52 TBC1711-6R8M-26 TB |
TOROIDAL INDUCTOR
|
Superworld Electronics
|
3XF2926-VP5 |
TOROIDAL INDUCTOR
|
XFMRS Inc.
|
2XF0075-VP |
TOROIDAL INDUCTOR
|
XFMRS Inc.
|
2316-H 2305-H |
INDUCTOR TORD HI AMP 220UH HORZ 1 ELEMENT, 220 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:22uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:16.4A; DC Resistance Max:0.007ohm; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No
|
3M Company BOURNS INC
|
TCTK8052 TCTK6852 TCTK5052 |
TCTK Toroidal Coils Power Inductor
|
Token Electronics Industry Co., Ltd.
|