PART |
Description |
Maker |
A22H165M A22H165MJ |
High-performance class-G stereo headphone amplifier with I2C volume control
|
ST Microelectronics
|
D2-81433 D2-81412 D2-81434 D2-81435 |
DAE-1 for Manufacturers of High-Performance Class-D Audio Amplifiers for Use with D2Audio X-Series Reference Designs
|
Intersil
|
ATF1516AS-10UC192 ATF1516AS-15UC192 ATF1516ASL-20U |
High performance EE-based CPDL, 70 MHz High performance EE-based CPDL, 100 MHz High Performance EE-Based CPLD EE PLD, 20 ns, PPGA192 High Performance EE-Based CPLD EE PLD, 20 ns, PQFP160 ER 4C 4#8 SKT RECP LINE 320 x 240 pixel format, LED or CFL Backlight OSC 5V SMT 7X5 CMOS PROGRM KVM INTERCONNECT MODULE CABLE
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
ATF22V10C ATF22V10C-10JC ATF22V10C-10JI ATF22V10C- |
High Performance E2 PLD FLASH PLD, 10 ns, PDIP24 Quad Flow through Driver FLASH PLD, 10 ns, PDSO24 High Performance E2 PLD FLASH PLD, 5 ns, PQCC28 High Performance E2 PLD E2类高性能可编程逻辑器件 High Performance E2 PLD FLASH PLD, 7.5 ns, PQCC28 LVDS Dual 2x2 Bi-Directional Crosspoint/Repeater
|
ATM Electronic, Corp. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
AS7C256 AS7C256-10 AS7C256-10JC AS7C256-10PC AS7C2 |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 高性能32Kx8 CMOS SRAM High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Alliance Semiconductor ...
|
MAX5986A |
IEEE 802.3af-Compliant, High-Efficiency, Class 1/Class 2, Powered Devices with Integrated DC-DC Converter
|
Maxim Integrated Products, Inc.
|
MACH111SP MACH231-14JI/1 MACH131-14JI/1 MACH131-5J |
EMITTER IR 880NM 5MM SMD RADIAL SUR ABSORBER 7MM 430V 1250A ZNR High-Performance EE CMOS Programmable Logic EE PLD, 14 ns, PQCC44 High-Performance EE CMOS Programmable Logic EE PLD, 7.5 ns, PQFP100 High-Performance EE CMOS Programmable Logic EE PLD, 14 ns, PQCC84 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQCC84 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQFP100 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQCC68 High-Performance EE CMOS Programmable Logic EE PLD, 10 ns, PQFP100 High-Performance EE CMOS Programmable Logic EE PLD, 7.5 ns, PQCC68 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQFP44 High-Performance EE CMOS Programmable Logic EE PLD, 10 ns, PQFP44 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQCC44 INDUSTRIAL TO RJ45 CAT5E PATCH CORD 15FT EE PLD, 18 ns, PQCC44 INDUSTRIAL TO INDUSTRIAL CAT6 PATCH CORD 5FT EE PLD, 18 ns, PQCC44 INDUSTRIAL TO RJ45 CAT6 PATCH CORD 20FT EE PLD, 15 ns, PQCC84 High-Performance EE CMOS Programmable Logic EE PLD, 15 ns, PQCC44 High-Performance EE CMOS Programmable Logic EE PLD, 15 ns, PQFP44 INDUSTRIAL TO RJ45 CAT5E PATCH CORD 20FT EE PLD, 18 ns, PQCC44 RES 3.32K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA RJ45-DB9M (DTE) Silver Mica Capacitor; Capacitance:62pF; Capacitance Tolerance: /- 5%; Series:CD15; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
CY37512P256-100BGC CY37512P256-83BGI CY37032P44-15 |
5V, 3.3V, ISR??High-Performance CPLDs 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 10 ns, PQCC44 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 12 ns, PQFP160 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 10 ns, PQFP100 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 10 ns, PQFP160 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 6 ns, PQCC44 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 12 ns, PQCC84 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 6 ns, PQFP44 5V/ 3.3V/ ISR High-Performance CPLDs 5V, 3.3V, ISR?/a> High-Performance CPLDs 5V, 3.3V, ISR High-Performance CPLDs 5V, 3.3V, ISR?High-Performance CPLDs
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. http://
|
ADG608 ADG609 ADG609BCHIPS ADG609BR ADG609BRU ADG6 |
4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDSO16 3 V/5 V, 4/8 Channel High Performance Analog Multiplexers 3 V/5 V/ 4/8 Channel High Performance Analog Multiplexers LC2MOS ?5V 8-Channel High Performance Analog Multiplexer LC2MOS, ?5 V, 4-Channel High Performance Analog Multiplexer LC2MOS, ± 5 V, 4-Channel High Performance Analog Multiplexer
|
ANALOG DEVICES INC Analog Devices, Inc.
|
ATF1508Z ATF1508ASZ-25QC100 ATF1508ASZ-25QC160 ATF |
High Performance E2 PLD High Performance E2 PLD EE PLD, 25 ns, PQCC84 High Performance E2 PLD EE PLD, 20 ns, PQCC84 High Performance E2 PLD EE PLD, 15 ns, PQFP160 High Performance E2 PLD EE PLD, 15 ns, PQFP100 CAC 7C 7#16S PIN RECP BOX ER 2C 2#8 PIN RECP BOX CAC 6C 6#16S PIN RECP BOX CAC 14C 14#16 PIN RECP BOX AB 14C 14#20 SKT RECP High Performance E2PLD
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
MAX306-MAX307 MAX307 MAX307CPI MAX307CWI MAX307EPI |
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers Precision 16-Channel/Dual 8-Channel High-Performance CMOS Analog Multiplexers Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:19; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-19 Precision / 16-Channel/Dual 8-Channel / High-Performance / CMOS Analog Multiplexers Precision.16-Channel/Dual 8-Channel.High-Performance.CMOS Analog Multiplexers 高精度6通道/通道、高性能、CMOS模拟多路复用
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
TDA8576T |
Class-H high-output voltage level line driver(H绫诲?楂???虹????骞崇嚎?ч┍?ㄥ?) Class-H high-output voltage level line driver(H类别高输出电压电平线性驱动器) 2 CHANNEL, AUDIO AMPLIFIER, PDSO16
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
|