PART |
Description |
Maker |
S2930-33 |
250mA Fixed Low Dropout Voltage Regu lator
|
SeCoS Halbleitertechnologie GmbH
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
STR30110 STR30112 STR30113 STR30115 STR30120 STR30 |
Voltage regulator fixed output voltage135 /-0.8V Voltage regulator fixed output voltage134 /-0.8V Voltage regulator fixed output voltage125 /-0.8V Voltage regulator fixed output voltage123 /-0.8V Voltage regulator fixed output voltage120 /-0.8V Voltage regulator fixed output voltage115 /-0.8V Voltage regulator fixed output voltage113 /-0.8V Voltage regulator fixed output voltage112 /-0.8V Voltage regulator fixed output voltage110 /-0.8V SANKEN ELECTRIC COMPANY, LTD. Sanken Hybrid IC Voltage Regulator STR30000 Series (STR30000 Series) Hybrid IC Voltage Regulator Sanken Hybrid IC Voltage Regulator STR30000 Series 三垦混合集成电路电压调节器STR30000系列 Sanken Hybrid IC Voltage Regulator STR30000 Series 三垦混合集成电路电压调节STR30000系列
|
SANKEN[Sanken electric] Sanken Electric Co.,Ltd. Sanken Electric Co., Ltd.
|
IRU1117-18CD IRU1117-18CDTR IRU1117-18CP IRU1117-1 |
0.8A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 0.8A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 0.8A Fixed LDO Linear Regulator in a SOIC 8-Lead package 0.8A Fixed LDO Linear Regulator in a SOT-223 3-Leads package
|
International Rectifier
|
CS5205-2 CS5205-2GDP3 CS5205-2GDPR3 CS5205-2GT3 |
5A Adjustable, and 3.3V and 5V Fixed Linear Regulators 5.0 A, 1.5 V Fixed Linear Regulator
|
ONSEMI[ON Semiconductor]
|
SG140-15T SG140-08T |
Positive Fixed Linear Voltage Regulators; Package: TO-39; VIN (V): 35; VDIFF (V): 35; IOUT (A): 0.5; VOUT (V): 15; 15 V FIXED POSITIVE REGULATOR, MBCY3 Positive Fixed Linear Voltage Regulators; Package: TO-39; VIN (V): 35; VDIFF (V): 35; IOUT (A): 0.5; VOUT (V): 8; 8 V FIXED POSITIVE REGULATOR, MBCY3
|
Microsemi, Corp.
|
RS7110-285JP RS7110-285SJG RS7110-285SJP RS7110-15 |
1.5A Fixed Voltage LDO Linear Regulator
|
Orister Corporation
|
SVR005-15 |
FIXED LOW DROPOUT LINEAR VOLTAGE REGULATOR
|
Solid States Devices, I...
|
IRU1050-33CD IRU1050-33CDTR IRU1050-33CM IRU1050-3 |
5A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 5A Fixed LDO Linear Regulator in a TO-263 3-Leads package 5A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 5A Fixed LDO Linear Regulator in a TO-220 3-Leads package
|
International Rectifier
|
AN78L05 AN78L05M AN78L07 AN78L07M AN78L06M AN78L06 |
General-Purpose Linear IC - Voltage Regulater - 3-Pin Regulator AB 6C 2#8,4#16 SKT RECP Circular Connector Shell; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3100; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Gender:Male-Female Adapter 2.5GHz 45dB RF-Detecting Controllers 4 V FIXED POSITIVE REGULATOR, PSSO3 3-pin positive output voltage regulator (100 mA type) 12 V FIXED POSITIVE REGULATOR, PSSO3 3-pin positive output voltage regulator (100 mA type) 20 V FIXED POSITIVE REGULATOR, PBCY3 3-pin positive output voltage regulator (100 mA type) 18 V FIXED POSITIVE REGULATOR, PSSO3
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation Panasonic, Corp.
|
FAN1084T FAN1084D FAN1084D33 FAN1084MC33 FAN1084T1 |
4.5A Adjustable/Fixed Low Dropout Linear Regulator 4.5A Adjustable Low Dropout Voltage Regulator (LDO) 4.5A Adjustable/Fixed Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 4.5A Adjustable/Fixed Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|