PART |
Description |
Maker |
ST-REL7-KG48 |
Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 2 PDT, 48 V AC/ DC input voltage, with light indicator, can be plugged into basic terminal blocks
|
PHOENIX CONTACT
|
ST-REL7-KG60 |
Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 2 PDT, 60 V AC/ DC input voltage, with light indicator, can be plugged into basic terminal blocks
|
PHOENIX CONTACT
|
EL1-P16 |
Relay retaining bracket, with eject function and integrated equipment marking area (7.5 x 15 mm), to suit relay socket PR1, for 16 mm high miniature power relay and solid-state relay
|
PHOENIX CONTACT
|
PDTA123JEF PDTA123JE115 PDTA123JM PDTA123JK PDTA12 |
PNP resistor-equipped transistors; R1 = 2.2 k惟, R2 = 47 k惟 PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 47 kΩ 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 47 kOhm
|
NXP Semiconductors N.V.
|
PDTC114YEF PDTC114YT |
NPN resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm NPN配电阻型晶体R1=10千欧姆,R2=47千欧 NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ NPN resistor-equipped transistors; R1 = 10 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
PS7200J-1A-E3 PS7200J-1A-F3 PS7200J-1A-E4 PS7200J- |
TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 4 PIN SOP LOW OUTPUT CAPACITANCE SOLID STATE RELAY 4引脚SOP低输出电容固态继电器 Circular Connector; No. of Contacts:26; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:16-26 RoHS Compliant: No
|
NEC, Corp. NEC Corp. NEC[NEC]
|
PUMH13115 PEMH13-PUMH13-15 |
NPN/NPN double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages. NPN/NPN resistor-equipped transistors R1 = 4.7 k? R2 = 47 k?
|
NXP Semiconductors
|
PDTA144TEF PDTA144TM |
PNP resistor-equipped transistors; R1 = 47 kohm, R2 = open 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = open
|
NXP Semiconductors N.V.
|
PDTA143TEF PDTA143TE PDTA143T PDTA143TK PDTA143TM |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open PNP resistor-equipped transistors; R1 = 4.7 k楼?, R2 = open
|
NXP Semiconductors
|
PDTD123TT PDTD123TK PDTD123TS |
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kOhm, R2 = open NPN配电阻型晶体管:耐压0V,电00mAR1 = 2.2 千欧 R2 =开 NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kΩ, R2 = open
|
NXP Semiconductors N.V.
|
PDTA114Y PDTA114YE PDTA114YEF PDTA114YK PDTA114YM |
PNP resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm; Package: SOT323 (SC-70); Container: Tape reel smd PNP resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm; Package: SOT416 (SC-75); Container: Tape reel smd PDTA114Y series; PNP resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
OMRONG5LE G5LE-1A4-ASI G5LE-14-ASI G5LE-1-ACD G5LE |
CONNECTOR ACCESSORY 连接器附 PCB Relay 继电
|
Omron Electronics, LLC ETC OMRON[Omron Electronics LLC]
|