PART |
Description |
Maker |
AM1S-0505S AM1S AM1S-1209S AM1S-0503S AM1S-1224S A |
From old datasheet system Voltage Regulator IC; Output Current:300mA; Output Voltage:1.8V; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:1.8V Voltage Regulator IC; Output Current:300mA; Output Voltage:3.3V; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:3.3V 1 watt dc-dc converters 1瓦的DC - DC转换 Linear Voltage Regulator IC; Output Current Max:300mA; Supply Voltage Max:6V; Package/Case:8-MSOP; Current Rating:300mA; Leaded Process Compatible:No; Output Voltage Max:2.8V; Peak Reflow Compatible (260 C):No Voltage Regulator IC; Package/Case:8-MSOP; Output Current:300mA; Output Voltage:2.5V; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:2.5V RoHS Compliant: No
|
Aimtec ETC Electronic Theatre Controls, Inc.
|
ATA016A0X43-SR ATA016A0X43-SRZ ATA016A0X3-SR ATA01 |
8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output;16A output current
|
http:// Lineage Power Corporation
|
EC12 EC12.1101.002 EC12.1101.001 E.12.1201.001 E.1 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 16A; Terminal Type: Quick Connect Tabs; Appliance inlet with line switch; 2-pole and line filter; EMC-shield IEC Appliance Inlet C14 with Filter, Line Switch 2-pole
|
Schurter Inc.
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
5500.2058 |
Single Phase RFI Line Filter; Mounting Type: Chassis Module; Voltage Rating: 250V; Current Rating: 3A; Leakage Current Rating: 0.5 mA 250 V, 50 HZ, SINGLE PHASE EMI FILTER
|
SCHURTER AG
|
5500.2029 5500.2028 5500.2027 5500.2026 5500.2030 |
AC Filter Cost Optimized Single Phase RFI Line Filter; Mounting Type: Chassis Module; Voltage Rating: 250V; Current Rating: 4A; Leakage Current Rating: 0.1 mA 250 V, 50 HZ, SINGLE PHASE EMI FILTER
|
Schurter Inc. SCHURTER AG
|
POLS10-05T-P |
10A Output Current Rating DC/DC Open Frame Power Supply Single Output
|
Wall Industries,Inc.
|
FDD12-0515T4 FDD12-0515T5 FDD12-0512T4 FDD12-0512T |
12 W DC/DC converter,input voltage 18-72 V, output voltage 5/ /-15 V, output current 1.5A/ /-0.16A 12 W DC/DC converter,input voltage 10-36 V, output voltage 5/ /-15 V, output current 1.5A/ /-0.16A 12 W DC/DC converter,input voltage 18-72 V, output voltage 5/ /-12 V, output current 1.5A/ /-0.2A 12 W DC/DC converter,input voltage 10-36 V, output voltage 5/ /-12 V, output current 1.5A/ /-0.2A DC-DC CONVERTER 12W TRIPLE OUTPUT
|
CHINFA Electronics IND ETC[ETC] List of Unclassifed Manufacturers
|
LDO06C LDO06C-005W05-HJ LDO06C-005W05-SJ LDO06C-00 |
6 A output current rating
|
Emerson Network Power
|
GSF1.2001.01 GSF1.2201.01 GSF1.1001.01 GSF1.0001.5 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 10A; Terminal Type: Quick Connect PCB; Fuseholder inside; IEC/EN 60950; optional insulation cover 10A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 16A; Terminal Type: Quick Connect PCB; Fuseholder inside; IEC/EN 60950; optional insulation cover 10A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER
|
SCHURTER AG SCHURTER INC
|
MT6224-AG MT6224-AHR MT6224-AHRG MT6224-G MT6224-H |
3 Leaded Tri-State LED Lamps 3引线三州LED灯具 Linear Voltage Regulator IC; Output Current Max:1A; Package/Case:8-SOP; Output Voltage:5V; Current Rating:1A; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No 3引线三州LED灯具
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|