PART |
Description |
Maker |
6205.2100 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 10A; Terminal Type: Solder Tabs; Spare fuse compartment; blackThermoplastic housing 10A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
SCHURTER AG
|
4758.7000 |
Power Distribution Unit; Module of 4 outlets; extended carrier frame for accessory modules; 4 IEC Outlets; Voltage Rating: 250 VAC; Current Rating: 10A;
|
SCHURTER INC
|
HDM8513AT HDM8513AP |
Darlington Bipolar Transistor; Power Dissipation:175W; Package/Case:TO-3; Mounting Type:Through Hole; Current Rating:20A; Voltage Rating:500V Timer IC; Supply Voltage Max:16V; Package/Case:14-DIP; Current Rating:10A; Timer Type:Timer-Dual; Mounting Type:Through Hole
|
Hynix Semiconductor Inc.
|
GSP2.9100.15 |
IEC AC Power Inlet; Voltage Rating: 250V; Current Rating: 15A; Mounting Type: Panel; Terminal Type: Tabs PCB 10A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
SCHURTER AG
|
GSF1.2001.01 GSF1.2201.01 GSF1.1001.01 GSF1.0001.5 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 10A; Terminal Type: Quick Connect PCB; Fuseholder inside; IEC/EN 60950; optional insulation cover 10A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 16A; Terminal Type: Quick Connect PCB; Fuseholder inside; IEC/EN 60950; optional insulation cover 10A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER
|
SCHURTER AG SCHURTER INC
|
KE10.2100.105 KE15.1100.109 KE10.6100.107 KE10.210 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 13A; Terminal Type: Quick Connect Tabs; Appliance inlet; fuseholder; and series-parallel voltage selector 10A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
SCHURTER AG SCHURTER INC
|
SR-5F-1A-AP SR-5F-3.15A-AP SR-5F-8A-AP SR-5F-6.3A- |
PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk FAST BLOW ELECTRIC FUSE, 1A, 250VAC, 50A (IR), THROUGH HOLE PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk FAST BLOW ELECTRIC FUSE, 3.15A, 250VAC, 50A (IR), THROUGH HOLE PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 50A (IR), THROUGH HOLE PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk FAST BLOW ELECTRIC FUSE, 6.3A, 125VAC, 50A (IR), THROUGH HOLE PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk FAST BLOW ELECTRIC FUSE, 2A, 250VAC, 50A (IR), THROUGH HOLE FAST BLOW ELECTRIC FUSE, 1.6A, 250VAC, 50A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
POLS06-05T POLS06-05T-P POL06-05T |
6A Output Current Rating DC/DC Open Frame Converter Single Output
|
Wall Industries,Inc.
|
SSTJ210 SSTJ211 SSTJ212 J210 J211 J212 |
N-Channel JFET UHF BAND, Si, N-CHANNEL, RF SMALL SIGNAL, JFET, TO-92 Voltage Regulator IC; Package/Case:5-SOT-23; Output Current:150mA; Output Voltage:2.6V; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.6V RoHS Compliant: No
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
CA506 SST511 CA508 SST509 SST508 SST510 SST506 SST |
Voltage Regulator IC; Output Current:500mA; Output Voltage:2.8V; Package/Case:8-MLP33; Supply Voltage Max:6V; Current Rating:500mA; Leaded Process Current Regulator Diode
|
Calogic LLC CALOGIC[Calogic LLC] CALOGIC[Calogic, LLC]
|
LDO06C LDO06C-005W05-HJ LDO06C-005W05-SJ LDO06C-00 |
6 A output current rating
|
Emerson Network Power
|
AXA010A0X3Z |
10Vdc - 14Vdc input; 0.75Vdc to 5.5Vdc Output;10A Output Current
|
Lineage Power Corporation
|