PART |
Description |
Maker |
ASPI7318 ASPI-7318-220 |
HIGH CURRENT SHIELDED POWER INDUCTOR
|
Abracon Corporation
|
PS1204 PA1205A PS1205B PS1206 PS1206B PS1206-2R3 P |
SMD Power Inductors Shielded High Current
|
http:// PREMO CORPORATION S.L
|
SDR0602-181KL SDR0602-390KL SDR0602-820KL SDR0602- |
MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 180 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 120 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 68 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 10 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 12 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 27 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 4.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 270 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 390 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 2.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS- NON-SHIELDED POWER INDUCTO-LF 1 ELEMENT, 3.9 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power Inductor; Series:SDR0602; Inductance:100uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:7MHz; Package/Case:470; Terminal Type:PCB Surface Mount; Core Material:Ferrite DQ; Current Rating:0.32A
|
Bourns, Inc. BOURNS INC
|
SRR1280-391K SRR1280-102K SRR1280-2R4Y |
SMD SHIELDED POWER CHOKE-LEAD FREE 1 ELEMENT, 390 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMD SHIELDED POWER CHOKE-LEAD FREE 1 ELEMENT, 1000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHOKE, POWER, SHIELDED, 2.5UH; Inductor type:Shielded Power Choke; Inductance:2.5uH; Tolerance, inductance: /-30%; Resistance:10mR; Current, DC max:9.2A; Frequency, resonant:45.0MHz; Case style:SMD Shielded; Q factor:20; Material, RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
PCHC420R8-100M-RC PCHC420R8-1R5M-RC PCHC420R8-8R2M |
SMD High Current Shielded Choke
|
Allied Components Internati...
|
LPS3015-182MLB LPS3015-182MLD LPS3015-183MLB LPS30 |
Shielded Power Inductors LPS3015 Very low DCR; excellent current handling, Miniature 3.0 × 3.0 mm footprint; less than 1.5 mm tall Shielded Power Inductors LPS3015
|
Coilcraft lnc.
|
IDCS-2512 |
High Current, Shielded, Surface Mount From old datasheet system
|
Vishay
|
PS6028 PS7032 PS7045 PS6028-100M PS6028-101M PS602 |
SMD Power Inductors Shielded Low current
|
PREMO CORPORATION S.L
|
2SD2318 2SD2318V |
High-current gain Power Transistor (-60V/ -3A) Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset High-current gain Power Transistor(60V/ 3A) High-current gain Power Transistor(60V, 3A)
|
Rohm CO.,LTD.
|
2741T 2741S |
T1/E1 Transformer Shielded HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
|
BEL[Bel Fuse Inc.]
|
V375B3.3M150A3L V375A3.3M150A3L V375B3.3M150A2L V3 |
DR331-7 Series Shielded SMD Inductor; Shielded Surface Mount Design. Inductance 150µH. Rated Current 0.26 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. Analog IC 模拟IC
|
Vishay Intertechnology, Inc. Global Mixed-mode Technology, Inc. Vicor, Corp.
|
|