PART |
Description |
Maker |
R1112N R1112N4.3BTR R1112N4.0BTR R1112N1.6ATL R111 |
Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Taping type TL Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Taping type TL LOW NOISE 150mA LDO REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO5 Analog IC 模拟IC Test fixture for 0402 - 1812 body sizes Linear Sensor Photodiode Array; 102x1 Sensor-Elements Organization; 300 Dots-Per-Inch (DPI) Sensor Pitch; On-Chip 8-bit Analog-to-Digital Conversion; Three-Zone Prgrammable Offset (Dark Level) and Gain; High Sped Serial Interface; 1MHz Pixel Rate High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com
|
HIROSE ELECTRIC Co., Ltd. Ricoh Co., Ltd. RICOH electronics devic...
|
MIC5252 MIC5252-1.8BM5 MIC5252-2.5BM5 MIC5252-2.85 |
150MA HIGH PSRR LOW NOISE UCAP CMOS LDO 2.85 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150MA HIGH PSRR LOW NOISE UCAP CMOS LDO 2.85 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, DSO6 Dual 3A Non-Synchronous Buck Converter with Integrated High Side MOSFET, 300 kHz 14-HTSSOP -40 to 125
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
R1120N R1120N301A R1120N301A-TL R1120N301A-TR R112 |
Low noise 150mA LDO regulator. Output voltage 2.3V. H active type. Taping specification TL. LOW NOISE 150mA L.D.O REGULATOR
|
RICOH[RICOH electronics devices division]
|
ILC7280AR2530X ILC7280AR2828X ILC7280AR2830X ILC72 |
Dual 0.15A Low Dropout Voltage Regulator Micropower Dual 150mA CMOS RF LDO Regulators Micropower Dual 150mA CMOS RF LDO-TM Regulators
|
FAIRCHILD[Fairchild Semiconductor]
|
ISL9000AIRPLZ ISL9000AIRPPZ ISL9000AIRCJZ ISL9000A |
Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 Dual LDO with Low Noise, Very High PSRR and Low IQ
|
Intersil, Corp. Intersil Corporation
|
R1114 |
LOW NOISE 150mA LDO REGULATOR
|
RICOH
|
RP103N151B RP103N151D RP103N131B RP103N131D RP103N |
LOW NOISE 150mA LDO REGULATOR
|
RICOH electronics devices division
|
AS13985 |
Micropower 150mA Low-Noise LDO
|
ams AG
|
GM6155 GM6155-2.9ST25R GM6155-3.0ST25R GM6155-3.3S |
150mA LOW - NOISE LDO REGULATOR
|
List of Unclassifed Manufacturers ETC[ETC]
|
AS13985 |
Micropower 150mA Low-Noise LDO
|
AMSCO[austriamicrosystems AG]
|