PART |
Description |
Maker |
FAN48632 |
Pulsed-Load Synchronous TinyBoost Regulator with Bypass Mode for GSM PA Supply
|
ON Semiconductor
|
MAX8554 MAX8553 MAX8553EEE MAX8554EEE X8553-MAX855 |
4.5V to 28V Input. Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications 4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications Quadruple Positive-NAND Gates With Schmitt-trigger Inputs 14-CFP -55 to 125
|
Maxim Integrated Products, Inc.
|
ST1S50 ST1S50PUR |
4A Monolithic synchronous step-down converter with high efficiency at light load
|
ST Microelectronics
|
IRLR3802 |
High Frequency 3.3V and 5V input Pointof-Load Synchronous Buck Converters
|
Kersemi Electronic Co.,...
|
MIC23254 MIC23254-GCYMT |
4MHz Dual 400mA Synchronous Buck Regulator with Low Input Voltage and HyperLight Load??/a> 4MHz Dual 400mA Synchronous Buck Regulator with Low Input Voltage and HyperLight Load?/a>
|
Micrel Semiconductor
|
MAX8537 MAX8538 MAX8539 |
Dual-Synchronous Buck Controllers for Point-of-Load. Tracking. and DDR Memory Power Supplies
|
Maxim Integrated Products, Inc.
|
FAN5340UCX FAN5340MPX |
Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
|
Fairchild Semiconductor
|
NCP45524 |
Advanced Load Management Controlled Load Switch with Low RON
|
ON Semiconductor
|
ISL6334AR5368 ISL6334AIRZ-TR5368 ISL6334ACRZ-TR536 |
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
|
Intersil Corporation
|
PH1090-175L PH1090-175 PH1090 |
Avionics Pulsed Power Transistor175 Watts锛?1030-1090MHz Avionics Pulsed Power Transistor - 175 Watts, 1030-1090 MHz, 250ms Pulse, Avionics Pulsed Power Transistor - 175 Watts 1030-1090 MHz 250ms Pulse Avionics Pulsed Power Transistor175 Watts1030-1090MHz
|
MACOM[Tyco Electronics]
|
MDS150 |
150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz MODE-S, 1030/1090 MHz, Class C, Common Base, Pulsed ; P(out) (W): 150; P(in) (W): 20; Gain (dB): 10; Vcc (V): 50; Pulse Width (µsec): 128; Duty Cycle (%): 2; Case Style: 55AW-1 L BAND, Si, NPN, RF POWER TRANSISTOR
|
Microsemi Corporation Microsemi, Corp.
|
AQS610TSX AQS610TSZ |
PhotoMOS relay, GU (general use) type, multi-function (1a1b MOSFET & optocoupler). Output rating load voltage 350V AC/DC, load current 100 mA.
|
Matsushita Electric Works(Nais)
|