PART |
Description |
Maker |
FAN48619 FAN48619UC50X |
Fixed-Output Synchronous TinyBoost Regulator
|
ON Semiconductor
|
LTC3548-2 LTC3548EDD-2 LTC3548EDD-2TR |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
GS1084 GS1084CE1.8 GS1084CE2.5 GS1084CE3.3 GS1084C |
IC VREG 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-252, DPAK-3, Fixed Positive Single Output LDO Regulator IC VREG 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-263AB, D2PAK-3, Fixed Positive Single Output LDO Regulator IC VREG 1.8 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-263AB, D2PAK-3, Fixed Positive Single Output LDO Regulator IC VREG 2.5 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-263AB, D2PAK-3, Fixed Positive Single Output LDO Regulator 5A Low Dropout Positive Adjustable Regulator Half-Pitch DIP Switches 6CKT MINI SPOX PLUG HOUS 524006 16 NO Relay Outputs; For Use With:Eurotherm 6000 Series Graphical Paperless Recorders A低压差可调稳压器 16 NC Relay Outputs; For Use With:Eurotherm 6000 Series Graphical Paperless Recorders RoHS Compliant: NA A低压差可调稳压器
|
Vishay Semiconductors Vishay Telefunken Vishay Siliconix Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
MIC5207 MIC5207-1.8BM5 MIC5207-2.5BM5 MIC5207-3.0B |
180mA Low-Noise LDO Regulator 3.8 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO5 Enhanced Product 4.5-V To 20-V Input 3-A Output Synchronous Pwm Switcher W/Integrated Fet 16-HTSSOP -55 to 125
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
SG120 SG120A-8T_883B SG120-12IG SG120-12IG_883B SG |
Negative Fixed Linear Voltage Regulators BOX 4.94X2.75X1.275 AA W/CLP ALMOND NEGATIVE FIXED VOLTAGE REGULATOR 8 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 负固定电压调节器 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 15 V FIXED NEGATIVE REGULATOR, CQCC20 NEGATIVE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, MBCY3 NEGATIVE FIXED VOLTAGE REGULATOR 15 V FIXED NEGATIVE REGULATOR, MBCY3 NEGATIVE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, CQCC20 NEGATIVE FIXED VOLTAGE REGULATOR 20 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 15 V FIXED NEGATIVE REGULATOR, MSFM3 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, MSFM3 HIGH SURGE CARBON COMP REPLACEMENT RESISTOR , 1K, 5% 负固定电压调节器 NEGATIVE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, MSFM3 NEGATIVE FIXED VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE REGULATOR, MBCY3 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, CQCC20 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, MBCY3
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
AP78LXXSG-13 AP78LXXVL-A AP78LXXYG-13 AP78L05 AP78 |
12V Fixed Output Three-Terminal Positive Regulator 5V Fixed Output Three-Terminal Positive Regulator AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS 8V Fixed Output Three-Terminal Positive Regulator
|
Diodes Incorporated
|
SPX1085T-3.3 SPX1085AU-3.3 SPX1085U-5.0 SPX1085 SP |
5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response CONNECTOR ACCESSORY 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A低压差线性稳压器可调 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2
|
SIPEX[Sipex Corporation] EXAR CORP
|
AS2815YU-X AS2815AU-3-3 AS2815 AS2815YR-X AS2815YT |
3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2 Analog IC 模拟IC 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output,Fast Response 1.5A Low Dropout Voltage Regulator
Adjustable & Fixed Output,
Fast Response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
|
BCD Semiconductor Manufacturing, Ltd. Sipex Corporation
|
REC3-123.3SRW REC3-123.3SRW_H1 REC3-123.3SRWZ_H1 R |
8-Pin N-FET Linear Regulator Controller 8-SOIC 0 to 70 3瓦特DIP24 /贴片 3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(12V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 BiCMOS Power Factor Preregualtor 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(3.3V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Advanced Phase Shift PWM Controller 20-TSSOP 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
|