PART |
Description |
Maker |
LTC3539-2-15 LTC3407-4-15 |
2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
ST1CC40PUR ST1CC40DR ST1CC40 |
3 A, 850 KHz, MONOLITHIC SYNCHRONOUS STEP-DOWN CONSTANT CURRENT LED DRIVER 3 A monolithic step-down current source with synchronous rectification
|
ST Microelectronics STMicroelectronics
|
SC2441ATETRT SC2441AEVB SC2441A |
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
MB3827 MB3827PFV |
6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
|
FUJITSU LTD Fujitsu Limited Fujitsu Component Limited.
|
EV2307DN-00A MP2307DN |
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter A,为23V40KHz的同步整流降压转换器 3A, 23V, 340KHz Synchronous Rectified Step-Down Converter 3 A SWITCHING REGULATOR, 380 kHz SWITCHING FREQ-MAX, PDSO8
|
Monolithic Power Systems, Inc.
|
LTC3427 LTC3427EDC LTC3427EDCTRM |
500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm x 2mm DFN Package; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.5 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO6 500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm × 2mm DFN Package 500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 】 2mm DFN Package
|
Linear Technology, Corp.
|
ADP3051ARMZ-REEL7 ADP3051 |
500 mA Synchronous Buck Switching Regulator 500 MA PWM STEP-DOWN DC-DC WITH SYNCHRONOUS RECTIFIER
|
Analog Devices
|
LTC3406ES5 LTC3406ES5-1.5 LTC3406ES5-1.8 LTC3406 L |
1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT 1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 1.25 A SWITCHING REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO5
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology] http://
|
LTC1876EGTR |
High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 125°C
|
LINEAR TECHNOLOGY CORP
|