PART |
Description |
Maker |
EDI88130LPSNI EDI88130CS EDI88130CSLM EDI88130CSL3 |
25ns; 5V power supply; 128K x 8 monolithic SRAM, SMD 5962-89598 45ns; 5V power supply; 128K x 8 monolithic SRAM, SMD 5962-89598 17ns; 5V power supply; 128K x 8 monolithic SRAM, SMD 5962-89598 128Kx8 Monolithic SRAM, SMD 5962-89598 128Kx8单片的SRAM,贴962-89598 128Kx8 Monolithic SRAM/ SMD 5962-89598 15ns; 5V power supply; 128K x 8 monolithic SRAM, SMD 5962-89598 20ns; 5V power supply; 128K x 8 monolithic SRAM, SMD 5962-89598 35ns; 5V power supply; 128K x 8 monolithic SRAM, SMD 5962-89598 55ns; 5V power supply; 128K x 8 monolithic SRAM, SMD 5962-89598
|
White Electronic Designs ETC Electronic Theatre Controls, Inc.
|
WMS128K8-17FEM WMS128K8-17FM WMS128K8-55CLC WMS128 |
55ns; low power for 2V data retention; 128K x 8 monilithic SRAM, SMD 5962-96691 17ns; low power for 2V data retention; 128K x 8 monilithic SRAM, SMD 5962-96691 15ns; low power for 2V data retention; 128K x 8 monilithic SRAM, SMD 5962-96691 x8 SRAM x8的SRAM 25ns; low power for 2V data retention; 128K x 8 monilithic SRAM, SMD 5962-96691 20ns; low power for 2V data retention; 128K x 8 monilithic SRAM, SMD 5962-96691
|
White Electronic Designs Microchip Technology, Inc. Sharp, Corp. Electronic Theatre Controls, Inc. Raltron Electronics, Corp.
|
AS7C31025A-20TJI AS7C1025A AS7C1025A-10JC AS7C1025 |
3.3V 128K x 8 CM0S SRAM (revolutionary pinout), 12ns access time 3.3V 128K x 8 CM0S SRAM (revolutionary pinout), 20ns access time 5V 128K x 8 CM0S SRAM (revolutionary pinout), 20ns access time 5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 10 ns, PDSO32 5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Triple 3-Input NAND Gates 14-SOIC -55 to 125 Parallel-Load 8-Bit Shift Registers 16-VQFN -40 to 85 Parallel-Load 8-Bit Shift Registers 16-SO -40 to 85 High Speed CMOS Logic Quad 2-Input AND Gates 14-SOIC -55 to 125 High Speed CMOS Logic Quad 2-Input AND Gates 14-TSSOP -55 to 125 Parallel-Load 8-Bit Shift Registers 16-SOIC -40 to 85 Parallel-Load 8-Bit Shift Registers 16-TSSOP -40 to 85 5V 128K x 8 CM0S SRAM (revolutionary pinout), 12ns access time 5V 128K x 8 CM0S SRAM (revolutionary pinout), 15ns access time 3.3V 128K x 8 CM0S SRAM (revolutionary pinout), 15ns access time
|
Alliance Semiconductor ... Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
IS61LV12816LL-12T IS61LV12816LL-12BI IS61LV12816LL |
128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 16 STANDARD SRAM, 12 ns, PQFP44 128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 16 STANDARD SRAM, 12 ns, PDSO44
|
Integrated Silicon Solution, Inc.
|
WMS512K8BV-20E WMS512K8BV-17E WMS512K8BV-17DEMEA W |
20ns; low voltage operation: 3.3V -10% power supply; 512K x 8 monolithic SRAM 17ns; low voltage operation: 3.3V -10% power supply; 512K x 8 monolithic SRAM 15ns; low voltage operation: 3.3V -10% power supply; 512K x 8 monolithic SRAM 512K X 8 STANDARD SRAM, 17 ns, CDSO32 512Kx8 Monolithic SRAM(512Kx8单片静态RAM(BiCMOS,存取时间17ns 512Kx8 Monolithic SRAM(512Kx8单片静态RAM(BiCMOS,存取时间20ns
|
White Electronic Designs Corporation
|
IDT70T659S8BF IDT70T659S8BC IDT70T659S8BFI IDT70T6 |
High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 10ns High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 8ns High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 15ns JFET-Input Operational Amplifier 14-SOIC -40 to 85 256K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 10 ns, PQFP208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 高.5V56/128K.3V 5011 2.5V的接口36 ASYNCHRONO美国双端口静RAM HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA256 HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 128K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 12ns
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|
GS840E36AGT-180I |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 128K X 36 CACHE SRAM, 8 ns, PQFP100
|
GSI Technology, Inc.
|
EDI9F416128C-BN EDI9F416128C85BNC |
85ns; 5V power supply; 4 x 128K x 16 static RAM CMOS module Differential Receiver/Equalizer; Temperature Range: -40°C to 85°C; Package: 16-QSOP T&R
|
White Electronic Designs
|
KM68FS1000 KM68FR1000 |
128K x8 Bit Super Low Power and Low Voltage Full CMOS Static RAM(128K x 8位超低功耗和低电压CMOS 静RAM) 128K的x8位超低功耗和低电压的CMOS全静态RAM28K的8位超低功耗和低电压的CMOS静态RAM)的
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
CY7C1019CV33 CY7C1019CV33-12VI CY7C1019CV33-15VC C |
128K x 8 Static RAM 128K的8静态RAM JT 26C 26#20 SKT RECP 128K X 8 STANDARD SRAM, 8 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 12 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 8 ns, PDSO32 Memory : Async SRAMs
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
EDI88512CA_LPA-B32 EDI88512CA_LPA-C EDI88512CA_LPA |
20ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600 17ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600 35ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600 45ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600 25ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600 15ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600 512Kx8 Monolithic SRAM SMD 5962-95600 512Kx8 Monolithic SRAM, SMD 5962-95600 SRAM
60MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R 12MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R NTC Thermistor; Series:PANR; Thermistor Type:NTC; Resistance:1kohm; Beta:3500; Package/Case:Radial; Leaded Process Compatible:Yes; Mounting Type:Through Hole; R/T Curve:M; Terminal Type:Radial Leaded RoHS Compliant: Yes 12MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R 静态存储器 60MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R 静态存储器 12MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-MSOP 静态存储器 55ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600
|
White Electronic Designs ETC[ETC] Electronic Theatre Controls, Inc.
|