PART |
Description |
Maker |
DFE18SANR24ME0 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range
|
Murata Manufacturing Co...
|
DFE18SANR56ME0 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range
|
Murata Manufacturing Co...
|
DFE18SANR47MG0 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range
|
Murata Manufacturing Co...
|
B84114-D-A30 B84114-D-A60 B84114-D-B20 B84114-D-K1 |
SIFI-D for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 10 A 推出SIFI -高插入额定电50损失研发0/60赫兹额定电流1 A0
|
EPCOS AG
|
B84113-C-L30 B84113-C-A30 B84113-C-L60 B84113-C-L1 |
SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A 推出SIFI -非常高的插入额定电压250损失荤,50/60赫兹额定电流3 A0
|
EPCOS AG
|
B84102-K30 B84102-K40 B84102-K50 B84102-K160 |
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A 单相额定电压250系统的电源线滤波器,50/60赫兹额定电流1
|
EPCOS AG
|
P0900SDL P1500SDL P3500SDL P2600SDL P3100SDL |
High Surge Current (D-rated) SIDACtor垄莽 Device High Surge Current (D-rated) SIDACtor庐 Device High Surge Current (D-rated) SIDACtor? Device
|
Littelfuse
|
B84110A B84110A0000A005 B84110A0000A010 B84110A000 |
EMC filters Power line filters for 1-phase systems Rated voltage 250 V DC/AC, 50/60 Hz Rated current 0.5 to 6 A
|
EPCOS[EPCOS]
|
HPR712 HPR717 HPR700 HPR703 HPR704 HPR705 HPR706 H |
5 Watt unregulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 1000mA. 5 WATT UNREGULATED SIP DC/DC CONVERTER 5 Watt unregulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -208mA. 5 Watt unregulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -167mA. 5 Watt unregulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 1000mA. 5 Watt unregulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage -15VDC, rated output current -167mA.
|
CANDD[C&D Technologies]
|
ADG417 ADG417BR ADG417BN DG419 |
LC2MOS Precision Mini-DIP Analog Switch ECONOLINE: REC3-S_DRW(Z)/H4,H6 - Safety standards and approval: EN 60950 certified, rated for 250VAV (LVD test report)- Applied for Ul 1950 Component LC2MOS, 5 V Precision Mini-DIP SPST Switch
|
AD[Analog Devices] Analog Devices, Inc.
|