PART |
Description |
Maker |
DFE18SANR24ME0-18 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range
|
Murata Manufacturing Co...
|
PWR6011 PWR6016 PWR6018 PWR6010 PWR6012 PWR6017 PW |
1.8 Watt regulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage 5VDC, rated output current 360mA. Analog IC 模拟IC 1.8 WATT UNREGULATED DC/DC CONVERTER 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE DIODE ZENER SINGLE 500mW 2.5Vz 20mA-Izt 0.05 100uA-Ir 1Vr DO35-GLASS 5K/AMMO 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE
|
Molex, Inc. Bourns, Inc. CANDD[C&D Technologies]
|
C62122-A132-B91 B84111-A-A10 B84111-A-A110 B84111- |
SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
|
EPCOS[EPCOS]
|
B84142-A50-R B84142-A40-R B84142-A10-R B84142-A30- |
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 10 to 60 A
|
EPCOS AG
|
B84142-B8-R B84142-B12-R B84142-B16-R |
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 8 A to 25 A
|
EPCOS[EPCOS]
|
B82412-A3100-M B82412-A1102- B82412-A1103- B82412- |
Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 10 mH Rated current 90 to 700 mA
|
EPCOS[EPCOS]
|
B84110-B-A14 |
Power line filter for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1,4 A
|
EPCOS AG
|
B84114-D-A30 B84114-D-A60 B84114-D-B20 B84114-D-K1 |
SIFI-D for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 10 A 推出SIFI -高插入额定电50损失研发0/60赫兹额定电流1 A0
|
EPCOS AG
|
B84113-C-L30 B84113-C-A30 B84113-C-L60 B84113-C-L1 |
SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A 推出SIFI -非常高的插入额定电压250损失荤,50/60赫兹额定电流3 A0
|
EPCOS AG
|
ARS35M AR35A AR35B AR35D AR35G AR35J AR35K AR35M A |
35A AUTOMOTIVE BUTTON DIODE 35A条汽车按钮二极管 ECONOLINE: REC3-S_DRW(Z)/H4,H6 - Safety standards and approval: EN 60950 certified, rated for 250VAV (LVD test report)- Applied for Ul 1950 Component
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
B84110A B84110A0000A005 B84110A0000A010 B84110A000 |
EMC filters Power line filters for 1-phase systems Rated voltage 250 V DC/AC, 50/60 Hz Rated current 0.5 to 6 A
|
EPCOS[EPCOS]
|
B82498-B3569-M B82498-B3279-M B82498-B3689-K |
Size 0805 (EIA) and/or 2012 (IEC) Rated inductance 2,7 to 4700 nH Rated current 90 to 1000 mA 尺寸0805(EIA)和/012年(IEC)的额定电感2,7700 nH的额定电0一○○○毫
|
EPCOS AG
|