PART |
Description |
Maker |
DFE18SANR24MG0-18 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range.
|
Murata Manufacturing Co...
|
DFE18SANR47ME0 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range
|
Murata Manufacturing Co...
|
B82422-H1683-K100 B82422-H1102-K100 B82422-H1103-K |
High-current version Size 1210 (EIA) or 3225 (IEC) Rated inductance 1 to 100 mH Rated current 90 to 650 mA
|
EPCOS AG EPCOS[EPCOS]
|
PWR6011 PWR6016 PWR6018 PWR6010 PWR6012 PWR6017 PW |
1.8 Watt regulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage 5VDC, rated output current 360mA. Analog IC 模拟IC 1.8 WATT UNREGULATED DC/DC CONVERTER 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE DIODE ZENER SINGLE 500mW 2.5Vz 20mA-Izt 0.05 100uA-Ir 1Vr DO35-GLASS 5K/AMMO 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE
|
Molex, Inc. Bourns, Inc. CANDD[C&D Technologies]
|
C62122-A132-B91 B84111-A-A10 B84111-A-A110 B84111- |
SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
|
EPCOS[EPCOS]
|
B82476-A1684-M B82476-A1103-M B82476-A1104-M B8247 |
INDUCTOR 100UH 1200MA Rated inductance 10 to 1000 mH Rated current 300 to 3800 mA
|
EPCOS[EPCOS]
|
B84110-B-A14 B84110-B |
Power line filter for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1,4 A
|
EPCOS[EPCOS]
|
B84115-E-A60 B84115-E-K60 B84115-E-A110 B84115-E-A |
SIFI-E for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A 推出SIFI -高插入额定电50失去位置0/60赫兹额定电流3 A0
|
EPCOS AG
|
B82498-B1102- B82498-B1122- B82498-B1152- B82498-B |
INDUKTIVITAET KIT SIMID08 INDUKTIVITAET盒SIMID08 Size 0805 (EIA) and/or 2012 (IEC) Rated inductance 2,7 to 4700 nH Rated current 90 to 1000 mA
|
EPCOS AG EPCOS[EPCOS]
|
B84111-A-K60 B84111-A-B120 B84111-A-K10 B84111-A-L |
SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A 推出SIFI -阿正常插入额定电50损失0/60赫兹额定电流1 A0 SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A 推出SIFI -阿正常插入额定电50损失0/60赫兹额定电流1 A20
|
EPCOS AG
|
AMC7135 |
The AMC7135 is a low dropout current regulator rated for 350mA constant sink current.
|
AMC
|
HPR2XX HPR203 HPR204 HPR205 HPR210 HPR211 HPR216 H |
3.0 Watt miniature DC/DC converter. Nom.input voltage 15VDC, rated output voltage -15VDC, rated output current -25mA. 3.0 Watt miniature DC/DC converter. Nom.input voltage 24VDC, rated output voltage -15VDC, rated output current -25mA. 3.0 WATT MINIATURE SIP DC/DC CONVERTER
|
CANDD[C&D Technologies] C&D TECHNOLOGIES INC
|