PART |
Description |
Maker |
DFE18SANR24MG0-18 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range.
|
Murata Manufacturing Co...
|
DFE18SANR47ME0 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range
|
Murata Manufacturing Co...
|
B82500-C-A8 B82500 B82500-C-A10 B82500-C-A2 B82500 |
VHF chokes with ferrite core Rated voltage 250 V dc/ac Rated current 0,2 to 2 A Rated inductance 120 to 3900 mH
|
EPCOS[EPCOS]
|
AP160L AP160 |
8-BIT MICROCONTROLLER WITH 8KB OTP ECONOLINE: REC3-S_DRW(Z)/H4,H6 - Safety standards and approval: EN 60950 certified, rated for 250VAV (LVD test report)- Applied for Ul 1950 Component Zener Diode; Zener Voltage Typ, Vz:5.1V; Vz Test Current, Izt:20mA; Power Dissipation, Pd:500mW; Package/Case:41-MiniDIP; Leaded Process Compatible
|
AMIC Technology Corporation
|
B84102-K50 B84102-K B84102-K160 B84102-K30 B84102- |
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A
|
EPCOS[EPCOS]
|
B84113-C-L30 B84113-C-A30 B84113-C-L60 B84113-C-L1 |
SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A 推出SIFI -非常高的插入额定电压250损失荤,50/60赫兹额定电流3 A0
|
EPCOS AG
|
B84115-E-A60 B84115-E-K60 B84115-E-A110 B84115-E-A |
SIFI-E for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A 推出SIFI -高插入额定电50失去位置0/60赫兹额定电流3 A0
|
EPCOS AG
|
B84102-K30 B84102-K40 B84102-K50 B84102-K160 |
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A 单相额定电压250系统的电源线滤波器,50/60赫兹额定电流1
|
EPCOS AG
|
HPR1000 HPR1001 HPR1002 HPR1003 HPR1004 HPR1005 HP |
1.0 Watt unregulated DC/DC converter. Nom.input voltage 12Vdc, rated output voltage 5Vdc, rated output current 200mA. 1.0 Watt unregulated DC/DC converter. Nom.input voltage 24Vdc, rated output voltage -15Vdc, rated output current -34mA. 1.0 WATT UNREGULATED SIP DC/DC CONVERTER 1-OUTPUT 1 W DC-DC UNREG PWR SUPPLY MODULE 1.0 WATT UNREGULATED SIP DC/DC CONVERTER 2-OUTPUT 1 W DC-DC UNREG PWR SUPPLY MODULE 1.0 Watt unregulated DC/DC converter. Nom.input voltage 5Vdc, rated output voltage 12Vdc, rated output current 83mA. 1.0 Watt unregulated DC/DC converter. Nom.input voltage 15Vdc, rated output voltage -15Vdc, rated output current -34mA.
|
C&D TECHNOLOGIES INC CANDD[C&D Technologies]
|
HPR712 HPR717 HPR700 HPR703 HPR704 HPR705 HPR706 H |
5 Watt unregulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 1000mA. 5 WATT UNREGULATED SIP DC/DC CONVERTER 5 Watt unregulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -208mA. 5 Watt unregulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -167mA. 5 Watt unregulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 1000mA. 5 Watt unregulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage -15VDC, rated output current -167mA.
|
CANDD[C&D Technologies]
|
AK4351 AK4351VT AKD4351 |
18Bit Advanced Multi Bit ## 2ch DAC 18 BIT ADVANCED MULTI BIT 2CH DAC ECONOLINE: REC3-S_DRW(Z)/H4,H6 - Safety standards and approval: EN 60950 certified, rated for 250VAV (LVD test report)- Applied for Ul 1950 Component
|
Asahi Kasei Microsystem... AKM[Asahi Kasei Microsystems] Asahi Kasei Microsystems Co.,Ltd
|
ADG417 ADG417BR ADG417BN DG419 |
LC2MOS Precision Mini-DIP Analog Switch ECONOLINE: REC3-S_DRW(Z)/H4,H6 - Safety standards and approval: EN 60950 certified, rated for 250VAV (LVD test report)- Applied for Ul 1950 Component LC2MOS, 5 V Precision Mini-DIP SPST Switch
|
AD[Analog Devices] Analog Devices, Inc.
|