PART |
Description |
Maker |
DFE18SANR24ME0 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range
|
Murata Manufacturing Co...
|
DFE18SANR47ME0 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range
|
Murata Manufacturing Co...
|
DFE18SANR47MG0-18 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range
|
Murata Manufacturing Co...
|
B82500-C-A8 B82500 B82500-C-A10 B82500-C-A2 B82500 |
VHF chokes with ferrite core Rated voltage 250 V dc/ac Rated current 0,2 to 2 A Rated inductance 120 to 3900 mH
|
EPCOS[EPCOS]
|
B84142-B8-R B84142-B12-R B84142-B16-R |
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 8 A to 25 A
|
EPCOS[EPCOS]
|
B84110-A-A60 B84110-A B84110-A-A10 B84110-A-A20 B8 |
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 0,5 A to 6 A
|
EPCOS[EPCOS]
|
B82134 B82111-E B82114 B82114-R-A1 B82114-R-A4 B82 |
VHF chokes for power line applications Rated voltage 500 V dc/ac Rated current max. 1 A
|
EPCOS AG EPCOS[EPCOS]
|
B82422-A1102-100 B82422-A1103-100 B82422-A1104-100 |
Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 uH Rated current 65 to 800 mA
|
EPCOS AG EPCOS[EPCOS]
|
B84110-A-A5 B84110-A-A10 B84110-A-A40 B84110-A-A60 |
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 0,5 A to 6 A 单相额定电压250系统的电源线滤波器,50/60赫兹额定电流0.5 A
|
EPCOS AG
|
HPR2XX HPR203 HPR204 HPR205 HPR210 HPR211 HPR216 H |
3.0 Watt miniature DC/DC converter. Nom.input voltage 15VDC, rated output voltage -15VDC, rated output current -25mA. 3.0 Watt miniature DC/DC converter. Nom.input voltage 24VDC, rated output voltage -15VDC, rated output current -25mA. 3.0 WATT MINIATURE SIP DC/DC CONVERTER
|
CANDD[C&D Technologies] C&D TECHNOLOGIES INC
|