PART |
Description |
Maker |
CYK001M16ZCCAU-70BAI CYK001M16ZCCA CYK001M16ZCCAU- |
1M X 16 PSEUDO STATIC RAM, 55 ns, PBGA48 6 X 8 MM, 1.20 MM HEIGHT, FBGA-48 1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48 6 X 8 MM, 1.20 MM HEIGHT, FBGA-48 16-Mbit (1M x 16) Pseudo Static RAM CAP 1000PF 1000V 5% NP0(C0G) SMD-1812 TR-7 PLATED-NI/SN 1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
MF3257-J9CATXX MF3513-J9CATXX MF365A-J9CATXX MF312 |
STATIC RAM CARDS ER 8C 8#12 SKT RECP 8/16-bit Data Bus Static RAM Card 16位产品数据总线静态存储器
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp. Mitsubishi Electric Semiconductor
|
UPD424440LE-70 UPD424440LE-60 UPD424440LE-80 UPD42 |
MoBL® 8-Mbit (1024K x 8) Static RAM MoBL® 8-Mbit (512K x 16) Static RAM CY62167DV30 MoBL® - 16-Mbit (1M x 16) Static RAM x4 Fast Page Mode DRAM x4快速页面模式的DRAM
|
Vishay Intertechnology, Inc.
|
UPD424800G5-10-7JD UPD424800G5-10-7KD UPD424800V-8 |
256K (32K x 8) Static RAM 8K x 8 Static RAM RoboClock® High-speed Multi-phase PLL Clock Buffer x8 Fast Page Mode DRAM x8快速页面模式的DRAM
|
NEC TOKIN, Corp.
|
IC62C1024 IC62C1024-35TI IC62C1024-35W IC62C1024-3 |
128K X 8 HIGH SPEED CMOS STATIC RAM 128K X 8 HIGH SPEED CMOS STATIC RAM 128K的乘八高速CMOS静态RAM From old datasheet system ASYNCHRONOUS STATIC RAM, Low Speed A.SRAM 55ns; 5V; 128K x 8 high-speed CMOS static RAM
|
Integrated Circuit Solu... ICSI[Integrated Circuit Solution Inc]
|
IS62C1024-35Q IS62C1024-35QI IS62C1024 16_62C1024 |
70ns; 5V; 128K x 8 high-speed CMOS static RAM Micro LED; LED Color:Red Orange; Luminous Intensity:80ucd; Viewing Angle:140 ; Forward Voltage:2.2V; Color:Red/Orange; Package/Case:1210; Reel Quantity:3000; Wavelength:630nm RoHS Compliant: Yes 128K的8高速CMOS静态RAM 128K x 8 HIGH-SPEED CMOS STATIC RAM 128K的8高速CMOS静态RAM From old datasheet system ASYNCHRONOUS STATIC RAM 128K x 8 HIGH-SPEED CMOS STATIC RAM
|
Advanced Interconnections, Corp. SIEMENS AG Integrated Silicon Solution, Inc. ICSI[Integrated Circuit Solution Inc] Integrated Circuit Solu...
|
S71JL064HA0 |
Stacked Multi-chip Product (MCP) Flash Memory And Psram CMOS 3.0Volt-only, Simultaneous Operation Flash Memories And Static RAM/pseudo-static RAM
|
AMD SPANSION
|
M24D16161ZA-70BIG |
1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48 6 X 8 MM, 1 MM HEIGHT, LEAD FREE, VFBGA-48 16-Mbit (1M x 16) Pseudo Static RAM
|
Elite Semiconductor Memory Technology, Inc. Elite Semiconductor Memory Technology Inc.
|
W24257A W24257 |
32K*8HIGH SPEED CMOS STATIC RAM 32K*8CMOS STATIC RAM From old datasheet system
|
Winbond
|
CYU01M16SFCU-70BVXI CYU01M16SFCU |
1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48 6 X 8 MM, 1 MM HEIGHT, LEAD FREE, VFBGA-48 16-Mbit (1M x 16) Pseudo Static RAM
|
Cypress Semiconductor, Corp.
|