PART |
Description |
Maker |
AON2392 |
100V N-Channel AlphaSGT
|
Alpha & Omega Semicondu...
|
AO4296 |
100V N-Channel AlphaSGT
|
Alpha & Omega Semicondu...
|
FDP14AN06LA0 FDP14AN06LA FDB14AN06LA0 |
Discrete Automotive N-Channel PowerTrench MOSFET, 60V, 61A, 0.014 Ohm, TO-220 Package N-Channel PowerTrench MOSFET, 60V, 60A, 0.0146 Ohms @ VGS = 5V, TO-263/D2PAK Package N-Channel PowerTrench MOSFET 60V/ 60A/ 14.6m N-Channel PowerTrench MOSFET 60V, 60A, 14.6mз
|
FAIRCHILD[Fairchild Semiconductor]
|
FQD20N06LE FQU20N06LE FQD20N06LETM |
60V N-Channel Logic level QFET (Built in ESD Protection Diode) 60V LOGIC N-Channel MOSFET 17.2 A, 60 V, 0.075 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
STD35NF06 |
N-CHANNEL 60V 0.018 OHM 55A - DPAK - STRIPFET II POWER MOSFET N-CHANNEL 60V - 0.018ohm - 35A DPAK STripFETII MOSFET N-CHANNEL 60V - 0.018ohm - 35A DPAK STripFET⑩II MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
NDT2955 NDT2955J23Z |
TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 2.5A I(D) | SOT-223 晶体管| MOSFET的| P通道| 60V的五(巴西)直| 2.5AI(四)|的SOT - 223 P-Channel Enhancement Mode Field Effect Transistor2.5A60V.3ΩP沟道增强型场效应管(漏电2.5A, 漏源电压-60V,导通电.3Ω
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
STD30NE06L 6044 STD30NE06LT4 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 30A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 30A条(丁)|52AA N - CHANNEL 60V - 0.025 ohm - 30A TO-252 STripFET POWER MOSFET From old datasheet system
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
FDB035AN06F085 FDB035AN06A012 |
N-Channel PowerTrenchMOSFET 60V, 80A, 3.5m N-Channel PowerTrench? MOSFET 60V, 80A, 3.5mΩ
|
Fairchild Semiconductor
|
FQI30N06 FQB30N06 FQB30N06TM |
60V N-Channel QFET 60V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|