PART |
Description |
Maker |
MBRS1100T3 SK18 10BQ100 10MQ100N HSM1100J HSM190J |
Brilliance Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material 1 Amp Schottky Rectifier
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI[Microsemi Corporation]
|
MC10SX1189 MC10SX1189D ON0811 MC10SX1189-D |
Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit From old datasheet system Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit(光纤通道同轴电缆驱动器和环路弹性电
|
ONSEMI[ON Semiconductor] Motorola, Inc.
|
MC10SX1190 MC10SX1190-D MC10SX1190DT MC10SX1190DTR |
Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit From old datasheet system
|
ON Semiconductor
|
M36W108T100ZN5T M36W108T100ZM6T M36W108T120ZM6T M3 |
TV 5C 5#16 PIN RECP Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Conductor Material:Copper; Jacket Color:Light Blue; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Jacket Color:Blue; Leaded Process Compatible:Yes; Voltage Nom.:30V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes TV 6C 6#20 PIN WALL RECP 8兆8,启动块闪存兆位128KB的x8 SRAM的低电压多媒体存储产 Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes 8兆8,启动块闪存兆位128KB的x8 SRAM的低电压多媒体存储产
|
意法半导 STMicroelectronics N.V.
|
BYX82 BYX83 BYX84 BYX85 BYX86 |
Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Conductor Material:Steel; Conductor Plating:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Conductor Plating:Copper; Jacket Color:Black RoHS Compliant: Yes Silicon Mesa Rectifiers From old datasheet system
|
Vishay Intertechnology,Inc. Vishay Siliconix
|
MV1471_CG_DPAS MV1471 MV1471_CG_DGAS MV1471/CG/DPA |
Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Jacket Color:White RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Leaded Process Compatible:Yes RoHS Compliant: Yes HDB3/AMI ENCODER/DECODER
|
Zarlink Semiconductor Inc.
|
SGMB201209 SGMB201209R202 SGMB201209S800 SGMB20120 |
MULTILAYER FERRITE CHIP BEADS 多层铁氧体片式磁 BNC Adapter; Body Style:Tee Adapter RoHS Compliant: Yes 多层铁氧体片式磁 BNC Adapter; Body Style:Right Angle Adapter, Jack-Plug; Contact Termination:Clamp/Solder; RG Cable Type:58, 59, 179, 316 RoHS Compliant: Yes RF Coaxial Connector Adapter; Convert From:UHF Jack; Convert To:N Plug RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Crimp; Body Style:Straight; RG Cable Type:59, 62, 140, 210, 302 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Clamp; Impedance:50ohm; Body Style:Straight Jack; RG Cable Type:58, 59, 179, 316 RoHS Compliant: Yes BNC Adapter; Body Style:Straight Bulkhead Adapter, Jack-Jack; Contact Termination:Clamp/Solder; RG Cable Type:58, 59, 179, 316 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Crimp; Body Style:Straight; RG Cable Type:55, 142, 223, 400 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:N; Contact Termination:Clamp/Solder; Impedance:50ohm; Body Style:Panel Jack Receptacle; RG Cable Type:55, 58, 141; Approval Categories:UG-1095A/U; Body Material:Brass; Frequency Max:11GHz RoHS Compliant: Yes From old datasheet system
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
10B-2001 |
Military-Grade 10BASE-T interface module Coaxial Cable; Coaxial RG/U Type:8; Impedance:52ohm; Conductor Size AWG:13; No. Strands x Strand Size:7 x 21; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes
|
Aeroflex Circuit Techno... AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc.
|
10A02 10A06 10A07 10A05 10A04 10A03 |
Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Natural; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Natural; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:62; Impedance:93ohm; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:FEP; Jacket Color:Natural; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:58; Impedance:53.5ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:FEP; Jacket Color:Natural; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:80ohm; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 10A RECTIFIER
|
Diodes Inc. DIODES[Diodes Incorporated]
|
141-18SMNM |
Coaxial Cable
|
Mini-Circuits
|
141-12SMNM |
Coaxial Cable
|
Mini-Circuits
|
047-6SMPRC |
Coaxial Cable
|
Mini-Circuits
|