PART |
Description |
Maker |
1300900010 |
Woodhead Standard Duty Reel, 16/3 SJTOW Cord, 10.67m
|
Molex Electronics Ltd.
|
130085-0374 |
Woodhead POW-R-MATIC Heavy Duty Cable Reel with Retraction Weight of 7lbs
|
Molex Electronics Ltd.
|
PS2532-1 PS2532-1-V PS2532-2 PS2532-2-V PS2532-4 P |
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES 高集电极到发射极VOLTATGE高隔离电压多功能光电耦合SIRIES WOODHEAD / 111 W/REFLECTOR RoHS Compliant: Yes WOODHEAD / 100W VAPROTEX ALUM GUARD
|
NEC, Corp. NEC Corp. NEC[NEC]
|
ML9480 |
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
|
List of Unclassifed Manufac...
|
ML9484 |
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
|
List of Unclassifed Manufac...
|
850-004-20-450 850-004-20-451 850-004-20-508 M3902 |
Standard Duty Electrical Pin Contact
|
Glenair, Inc.
|
M39029-56 M39029-56-348 M39029-56-351 M39029-56-35 |
Standard Duty Electrical Socket Contact
|
Glenair, Inc.
|
RPGFC002 RPGFC004 CCARPG00 CCARPG25 |
MODELS ZBG AND ZBH STANDARD DUTY ENCODER
|
Red Lion Controls. Inc
|
850-002-22-360-15 |
Standard Duty Electrical Pin and Socket Contacts
|
Glenair, Inc.
|
PR1260 |
Standard heavy duty 45 hang straight swivel
|
Lumins Inc.
|
RN5RK1A RN5RK301A RN5RK301A-TL RN5RK301A-TR RN5RK3 |
VFM step-up DC/DC converter. Output voltage 3.2V. Internal Lx Tr. driver. Duty cycle 77%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.1V. EXternal Tr. driver. Duty cycle 77%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 55%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 77%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.3V. EXternal Tr. driver. Duty cycle 77%. Standard taping type TR VFM Set-up DC/DC Converter SOT-23-5 VFM STEP-UP DC/DC CONVERTER VFM step-up DC/DC converter. Output voltage 3.3V. EXternal Tr. driver. Duty cycle 77%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 77%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 55%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.1V. EXternal Tr. driver. Duty cycle 77%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.2V. Internal Lx Tr. driver. Duty cycle 77%. Taping type TL
|
RICOH[RICOH electronics devices division]
|
130094-0374 |
Standard Duty Support Grip, Double U Eye, Split Rod, Single Weave, Cable Diameter
|
Molex Electronics Ltd.
|