PART |
Description |
Maker |
1300910057 |
Woodhead Standard Cord Reel, 14/3 SJTOW Cord, 13.72m (45.0) Cord Length with
|
Molex Electronics Ltd.
|
1300910023 |
Woodhead Standard Cord Reel, 16/3 SJTOW Cord, 15.24m
|
Molex Electronics Ltd.
|
1300900010 |
Woodhead Standard Duty Reel, 16/3 SJTOW Cord, 10.67m
|
Molex Electronics Ltd.
|
1300910062 |
Woodhead Standard Duty Reel, 14/3 SJTOW Cord, 13.72m
|
Molex Electronics Ltd.
|
1300910027 |
Woodhead Standard Duty Reel, 16/3 SJTOW Cord, 15.24m
|
Molex Electronics Ltd.
|
PS2532-1 PS2532-1-V PS2532-2 PS2532-2-V PS2532-4 P |
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES 高集电极到发射极VOLTATGE高隔离电压多功能光电耦合SIRIES WOODHEAD / 111 W/REFLECTOR RoHS Compliant: Yes WOODHEAD / 100W VAPROTEX ALUM GUARD
|
NEC, Corp. NEC Corp. NEC[NEC]
|
STR200 |
Standard 4/18 silver braided power cord.
|
Lumins Inc.
|
CS5368-CQZ CS5368-CQZR CS5368-DQZ CS5368-DQZR CIRR |
114 dB, 192 kHz, 8-Channel A/D Converter RECTIFIER STANDARD SINGLE 1A 1000V 1000 30A-ifsm 5uA-ir 1V-vf DO-41 5K/REEL-13 RECTIFIER STANDARD SINGLE 1A 1000V 1000 30A-ifsm 5uA-ir 1V-vf A405 5K/REEL-13
|
Cirrus Logic, Inc. CIRRUS LOGIC INC
|
P052008 |
Standard UK Power Cord, 13A (IEC-320-C19 to BS-1363 UK Plug), 8-ft
|
Tripp Lite. All Rights ...
|
2171.25 F930 217.315 |
ORANGE CAT5E PATCH CORD, 15 FT 轴向引线和墨盒保险丝- IEC标准设计 Axial Lead and Cartridge Fuses - Designed to IEC Standard
|
Littelfuse, Inc. http://
|
1301800318 |
1/2 Cord Grip Grommet, F2 Body Size; 2, 3 or 4 holes 3.96mm (.156) Cord Diameter
|
Molex Electronics Ltd.
|