PART |
Description |
Maker |
STEVAL-TDR028V1 |
RF power amplifier demonstration board based on the STAC2942B
|
STMicroelectronics
|
CCA029V1 |
5 W 5 W class-D audio amplifier demonstration board based on the TDA7491LP
|
STMicroelectronics
|
STEVAL-CCA003V1 |
Low voltage audio power stereo amplifier based on TS4984IQT
|
ST Microelectronics
|
M02016-XX |
CMOS PIN Pre-amplifier with AGC for Fiber-optics Based Networks up to 1.25 Gbps
|
Mindspeed Technologies
|
CCA040V1 |
4X10 Watt dual/quad power amplifier demonstration board based on the STA540SAN
|
STMicroelectronics
|
VSC7978 |
9.9 Gbps - 11.3 Gbps High Gain Transimpedance Amplifier for TO-Can Based ROSA Applications
|
Vitesse Semiconductor Corporation
|
ISL6207 ISL6207CB ISL6207CB-T ISL6207CBZ ISL6207CB |
Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 4 A HALF BRDG BASED MOSFET DRIVER, PQCC8 PT 14C 14#20 PIN/SKT RECP 4 A HALF BRDG BASED MOSFET DRIVER, PDSO8 PT 10C 10#20 PIN/SKT RECP 4 A HALF BRDG BASED MOSFET DRIVER, PDSO8 High Voltage Synchronous Rectified Buck MOSFET Driver 4 A HALF BRDG BASED MOSFET DRIVER, PQCC8
|
Intersil, Corp. Intersil Corporation
|
IDT74FCT388915T IDT74FCT388915T100 IDT74FCT388915T |
3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE) FCT SERIES, PLL BASED CLOCK DRIVER, 7 TRUE OUTPUT(S), 1 INVERTED OUTPUT(S), CQCC28 3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE) FCT SERIES, PLL BASED CLOCK DRIVER, 7 TRUE OUTPUT(S), 1 INVERTED OUTPUT(S), PQCC28 3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE) FCT SERIES, PLL BASED CLOCK DRIVER, 7 TRUE OUTPUT(S), 1 INVERTED OUTPUT(S), PDSO28 CAP 6.8UF 6V 10% TANT SOLID A-CASE HERMETIC T&R M-MIL-PRF-39003/01
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
AT91SAM7S256 AT91SAM7S256-AI |
Atmels AT91SAM7S256 is a member of a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. ... AT91 ARM THUMB-BASED MICROCONTROLLERS
|
ATMEL Corporation
|
585-2325 585-2225 585-2211 585-2413 585-2415 585-2 |
Multi-Chip BASED LED T 1 3/4 Wedge BASED LEDs-MULTI-CHIP SINGLE COLOR DISPLAY CLUSTER, RED, 5.9 mm
|
Dialight Corporation Dialight PLC
|
S71GS256 S71GS128NB0 S71GS256NC0 S71GS256NB0BFWAK0 |
128N based MCPs SPECIALTY MEMORY CIRCUIT, PBGA84 128N based MCPs 基于MCP28N
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
AT91SAM7X128-AU AT91SAM7X512-CU AT91SAM7X512-AU AT |
AT91 ARM Thumb-based Microcontrollers 32-BIT, FLASH, 55 MHz, RISC MICROCONTROLLER, PBGA100 AT91 ARM Thumb-based Microcontrollers AT91上ARM的拇指型微控制器
|
Atmel Corp. Atmel, Corp.
|