PART |
Description |
Maker |
MMBZ5230BL MMBZ5230BLT1 MMBZ5254BL MMBZ5263BL MMBZ |
Small Signal 4.7V 5% Small Signal 27V 5% 56V Zener Small Signal 33V 5% Small Signal 12V 5% Small Signal 13V 5% Small Signal 15V 5% Small Signal 20V 5%
|
ON Semiconductor
|
SI4488DY-T1-E3 |
TRANSISTOR 3500 mA, 150 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal Trans MOSFET N-CH 150V 3.5A 8-Pin SOIC N
|
Vishay Siliconix
|
BSS119 Q67000-S007 Q67000-S063 |
SIPMOS Small-Signal Transistor (N channel Enhancement mode) 170 mA, 100 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor SIPMOS ? Small-Signal Transistor From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
BSS84P06 BSS84P-L6327 BSS84P-L6433 |
SIPMOS Small-Signal-Transistor 170 mA, 60 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET GREEN, PLASTIC PACKAGE-3
|
Infineon Technologies AG
|
BSP123 |
Low Voltage MOSFETs - Small-Signal MOSFET, 100V, SOT-223, RDSon=6 Ohm, 0.37A, LL SIPMOS Small-Signal-Transistor
|
INFINEON[Infineon Technologies AG]
|
SI4487DY-T1-GE3 |
TRANSISTOR 11600 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, HALOGEN FREE AND ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
NTR4003N NTR4003NT1G NTR4003NT3G |
30V N-Channel PowerTrench MOSFET 500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 Power MOSFET 30 V, 0.56 A. Single N-Channel SOT-23 Package; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 10000 500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 Small Signal MOSFET 30 V, 0.56 A, Single N−Channel, SOT−23
|
3M Company ON Semiconductor
|
ZVN4525G ZVN4525GTA ZVN4525GTC |
PNP 30CM DIFF W/ADJ RoHS Compliant: Yes 310 mA, 250 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 250V N-CHANNEL ENHANCEMENT MODE MOSFET 310 mA, 250 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET N-channel MOSFET
|
Zetex Semiconductor PLC Diodes Incorporated ZETEX[Zetex Semiconductors]
|
2N5551 2N5401 2N5223 2N5232A 2N5172 2N4403 2N5550 |
Small Signal Transistors TO-92 Case (Continued) RES ARRAY 1.5K OHM 8TRM 4RES SMD Small Signal Transistors TO-92 Case (Continued) 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
2N3404 GES5816-J1 HS5306 HS5306A HS5308 HS5308A HS |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR CONNECTOR ACCESSORY 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
BCX23 BCX24 MM4257 2N5183 BSY62 BSX36 BSX79 BSY79 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Small Signal Transistors 125 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Leaded Small Signal Transistor General Purpose 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor C... http:// Seme LAB CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
2SJ289JFTD 2SJ189-TL 2SK1839JJTL |
0.5 A, 100 V, 7.5 ohm, P-CHANNEL, Si, POWER, MOSFET PCP, SC-62, 3 PIN 4000 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-251 100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
DOMINANT Opto Technologies Sdn. Bhd.
|
|