PART |
Description |
Maker |
ZVP2110ASTZ UZVN3306ASTOB DIODESINC-ZVN3306ASMTA U |
230 mA, 100 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET TO-92 COMPATIBLE, E-LINE PACKAGE-3 270 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 100 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 260 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 90 mA, 450 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 450 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc. ZETEX PLC DIODES INC
|
BUZ40B BSP372 BSP373 BSS129 BSS101 SN7000 BSS135 |
8 A, 500 V, 0.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 TO-220, 3 PIN SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level Avalanche rated 1.7 A, 100 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated) 150 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 130 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 250 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 80 mA, 600 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
Infineon Technologies AG SIEMENS AG SIEMENS A G
|
SP0610LE-6288 BSS129E-6325 BSS149E-6288 |
180 mA, 60 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 150 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 350 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
SIEMENS AG INFINEON TECHNOLOGIES AG
|
BSP373 |
Low Voltage MOSFETs - Small-Signal MOSFET, 100V, SOT-223, RDSon=0.3 Ohm, 1.7A, NL SIPMOS Small-Signal Transistor
|
INFINEON[Infineon Technologies AG]
|
SI4487DY-T1-GE3 |
TRANSISTOR 11600 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, HALOGEN FREE AND ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
STK7002U |
Small Signal TR > Small Signal MOSFET N-CHANNEL ENHANCEMENT-MODE MOSFET
|
AUK corp
|
NTR4003N NTR4003NT1G NTR4003NT3G |
30V N-Channel PowerTrench MOSFET 500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 Power MOSFET 30 V, 0.56 A. Single N-Channel SOT-23 Package; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 10000 500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 Small Signal MOSFET 30 V, 0.56 A, Single N−Channel, SOT−23
|
3M Company ON Semiconductor
|
BSD316SN BSD316SNL6327 |
OptiMOS? Small-Signal-Transistor 1400 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Infineon Technologies AG
|
NTJD4105C NTJD4105CT1 NTJD4105CT1G NTJD4105CT2 NTJ |
Small Signal MOSFET 20V/-8V, Complimentary 0.63A/-0.775A SC-88 Small Signal MOSFET 20 V / −8.0 V, Complementary, 0.63 A / −0.775 A, SC−88
|
ON Semiconductor
|
NTJS4405N NTJS4405NT1 NTJS4405NT1G NTJS4405NT4 NTJ |
Small Signal MOSFET 25 V, 1.2 A(25V, 1.2A, 小信号MOSFET) Small Signal MOSFET 25 V, 1.2 A, Single, N−Channel, SC−88
|
ON Semiconductor
|
NTA4151P NTA4151PT1 NTA4151PT1G NTE4151P NTE4151PT |
Small Signal MOSFET -20 V, -760 mA, Single P-Channel Gate Zener, SC-75; Package: SC-75 (SOT-416) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 760 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET Small Signal MOSFET −20 V, −760 mA, Single P−Channel, Gate Zener, SC−75, SC−89
|
Rectron Semiconductor
|
|