PART |
Description |
Maker |
MSJ1000-16 |
Cells Per Unit 1 Voltage Per Unit 2
|
CSB Battery Co., Ltd.
|
24IZR1-12-12N 12IYR1-05S 12IYR1-05T 12IYR1-15N 12I |
High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode 5V Fixed/Adjustable Output, Step-Up Switching Regulators 3-Pin, Ultra-Low-Voltage, Low-Power µP Reset Circuits 4-Pin, Ultra Low-Voltage, Low-Power µP Reset Circuits with Manual Reset Precision Shunt Regulators with Reset in SOT23-3 4-Port T1/E1/J1 Transceiver High-Side Power Supplies Dual T1/E1/J1 Transceiver 3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit Single-Cell NiMH Charger High-Precision Coulomb Counter Quad T1/E1/J1 Transceiver Quad, Loose-Cell NiMH Charger 3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit T1/E1/J1/64KCC BITS Element Single T1/E1/J1 Transceiver 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits 1Kb Add-Only Memory T1/E1/J1 BITS Element 3.3V, 16-Channel, E1/T1/J1 Short/Long-Haul Line Interface Unit 5-Pin, Multiple-Input, Programmable Reset ICs 模拟IC Octal T1/E1/J1 Transceiver 模拟IC Analog IC 模拟IC High-Precision Li Battery Monitor 模拟IC Multichemistry Battery Fuel Gauge 模拟IC 150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit 模拟IC 3-Pin, Ultra-Low-Voltage, Low-Power µP Reset Circuits 模拟IC Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 模拟IC 8-Port T1/E1/J1 Transceiver 模拟IC 4-Pin, Ultra Low-Voltage, Low-Power µP Reset Circuits with Manual Reset 模拟IC Ultraframer DS3/E3/DS2/E2/DS1/E1/DS0 Ultraframer DS3/E3/DS2/E2/DS1/E1/DS0
|
Bel Fuse, Inc. NIC Components, Corp. STMicroelectronics N.V. Comchip Technology Co., Ltd. RECOM Electronic GmbH Vicor, Corp. Stackpole Electronics, Inc. Grayhill, Inc. Fujitsu, Ltd. SIEMENS AG Intersil, Corp. KEMET Corporation
|
LB1839 LB1839M |
Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver Low-voltage/Low-saturation双向恒压调控电动机驱动器 Monolithic Digital IC
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
XTV121000 XTV121000-16 |
A general battery up to 12 years expected life in standby service or more than 260 cycles at 100% discharge in cycle service. Cells per unit 6 Voltage per unit 12
|
CSB Battery Co., Ltd.
|
ISL81483 ISL81487 |
1/8 Unit Load, Half Duplex, 5V, Low Power, Slew Rate Limited, RS-485/RS-422 Transceiver, With Rx/Tx Enables and Low Power SHDN 1/8 Unit Load, Half Duplex, 5V, Low Power, High Speed, RS-485/RS-422 Transceiver, With Rx/Tx Enables
|
Intersil
|
LB1247 |
Active-Low Input, 8-Unit, High-Current, Low-Saturation Driver
|
SANYO
|
FGP-1000-16 |
10-Port Fast Ethernet PoE Switch, 1 x RJ45 Gigabit, 1 x SFP Gigabit, 9 PoE Outputs, 115W
|
Level One
|
BCM5632 |
12 GIGABIT 1 10-GIGABIT SWITCHING PROCESSOR
|
Broadcom Corporation.
|
BCM56303 |
24-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH THREE 10-GIGABIT ETHERNET/HIGIG PORTS
|
Broadcom Corp.
|
ISL81487E ISL81487L |
5kV ESD Protected, 1/8 Unit Load, Half Duplex, 5V, Low Power, High Speed, RS-485/RS-422 Transceivers, With Rx/Tx Enables 5kV ESD Protected, 1/8 Unit Load, Half Duplex, 5V, Low Power, Slew Rate Limited, RS-485/RS-422 Transceivers, With Rx/Tx Enables and Low Power SHDN
|
Intersil
|
MSJ400-16 |
Cells per unit 1 Voltage per unit 2
|
CSB Battery Co., Ltd.
|
|