PART |
Description |
Maker |
PE71S2009 |
SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
|
Pasternack Enterprises,...
|
PE71S2010 |
SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
|
Pasternack Enterprises,...
|
MASW-00083413560T MASW-00083413560TV8 MASW-000834- |
HMICTM PIN Diode SPDT 50 Watt Switch HMIC PIN Diode SPDT 50 Watt Switch
|
M/A-COM Technology Solutions, Inc. M/A-COM Technology Solu...
|
PE7116 |
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 8GHz TO 12GHz SWITCH TYPE:SPDT
|
Pasternack Enterprises, Inc...
|
BYG10KHE3/TR BYG10GHE3/TR3 BYG10KHE3/TR3 BYG10DHE3 |
1.5 A, 800 V, SILICON, RECTIFIER DIODE, DO-214AC ROHS COMPLIANT, PLASTIC, SMD, SMA, 2 PIN 1.5 A, 400 V, SILICON, RECTIFIER DIODE, DO-214AC ROHS COMPLIANT, PLASTIC, SMD, SMA, 2 PIN 1.5 A, 200 V, SILICON, RECTIFIER DIODE, DO-214AC ROHS COMPLIANT, PLASTIC, SMD, SMA, 2 PIN 1.5 A, 600 V, SILICON, RECTIFIER DIODE, DO-214AC ROHS COMPLIANT, PLASTIC, SMD, SMA, 2 PIN 1.5 A, 1600 V, SILICON, RECTIFIER DIODE, DO-214AC ROHS COMPLIANT, PLASTIC, SMD, SMA, 2 PIN 1.5 A, 1000 V, SILICON, RECTIFIER DIODE, DO-214AC ROHS COMPLIANT, PLASTIC, SMD, SMA, 2 PIN
|
Vishay Beyschlag
|
HMPP-389X HMPP-3890-BLK HMPP-3890-TR1 HMPP-3890-TR |
HMPP-389T · MiniPak PIN switch diode HMPP-3895 · MiniPak PIN switch diode HMPP-3892 · MiniPak PIN switch diode HMPP-3890 · MiniPak PIN switch diode DEMO-HMPP-389T · Demonstration circuit board for HMPP-389T DEMO-HMPP-38X0 · Demonstration circuit board for the HMPP-3860 and HMPP-3890 MiniPak Surface Mount RF PIN Switch Diodes MiniPak表面贴装射频PIN开关二极管 MiniPak PIN switch diode MiniPak PIN开关二极管
|
Agilent(Hewlett-Packard... Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Avago Technologies, Ltd.
|
PE8025 |
SMA PIN-PIN DIODE LIMITERS FREQUENCY RANGE: 7.0-12.0 GHz
|
Pasternack Enterprises,...
|
PE4242 PE4242-EK 4242-52 4242-00 4242-01 4242-02 4 |
SPDT UltraCMOS⑩ RF Switch SPDT UltraCMOSRF Switch SPDT UltraCMOS RF Switch
|
etc PEREGRINE[Peregrine Semiconductor Corp.]
|
AWS5522 AWS5522S26 AWS5522D1 |
0.5 to 2.5 GHz SPDT Switch 0.5.5 GHz SPDT开 0.5 to 2.5 GHz SPDT Switch 500 MHz - 2500 MHz RF/MICROWAVE SGL POLE DOUBLE THROW SWITCH, 0.8 dB INSERTION LOSS Switches The AWS5522 is a single pole, double throw (SPDT) RF switch developed to meet the stringent requirements of GSM and CDMA systems, ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] Anadigics Inc
|
ADG1419 ADG1419BCPZ-REEL7 ADG1419BRMZ ADG1419BRMZ- |
2.1 Ω Max On Resistance ±15 V/12 V/±5 V iCMOS SPDT Switch; Package: Micro SOIC; No of Pins: 8; Temperature Range: Ind SGL POLE DOUBLE THROW SWITCH, PDSO8 2.1 Ω On Resistance, ±15 V/ 12 V/±5 V iCMOS SPDT Switch 2.1 楼? On Resistance, 隆戮15 V/ 12 V/隆戮5 V iCMOS SPDT Switch
|
Analog Devices, Inc.
|
|