PART |
Description |
Maker |
PCA9622 |
16-bit Fm I2C-bus 100 mA 40 V LED driver
|
NXP Semiconductors
|
PCA9625 |
16-bit Fm I2C-bus 100 mA 24V LED driver
|
NXP Semiconductors
|
CR05BS-8-ET23 CR05BS-8 CR05BS-8-ET13 |
Smartcard RTC; ultra low power oscillator with integrated counter for initiating one time password generation, Uncased die, Die In Waffle Carriers 晶闸管低功率的用 16-bit Fm I2C-bus 100 mA 40 V LED driver, SOT487-1 (TSSOP32), Reel Pack, SMD, 13" 晶闸管低功率的用 8-channel constant current LED driver with output error detection, SOT403-1 (TSSOP16), Reel Pack, SMD, 13" 16-bit Fm I2C-bus 100 mA 40 V LED driver, SOT487-1 (TSSOP32), Reel Pack, SMD, 13" Thyristor Low Power Use
|
Renesas Electronics, Corp. Renesas Electronics Corporation. RENESAS[Renesas Electronics Corporation]
|
FM24C08U_09U FM24C16U_17U FM24C02U FM24C04U_05U FM |
I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CONN HEADER .05 90POS DUAL T/H M1 - M1 CABLE 6 FEET 2K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 2K--Bit Standard 2-Wire Bus Interface Serial EEPROM
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FM24C04 FM24C04U FM24C04UE FM24C04UL FM24C04ULZ FM |
I2C Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CONN HEADER .05 80POS DUAL SMD 4K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 4K--Bit Standard 2-Wire Bus Interface Serial EEPROM
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
CWR09CK105JSA CWR09CC105MDB CWR09CC105MDC CWR09CC1 |
4-channel I2C-bus switch with interrupt logic and reset, SOT360-1 (TSSOP20), Reel Pack, SMD, 13" 40 V PNP BISS loadswitch, SOT666 (SS-Mini), Tape reel smd Tantalum Surface Mount Capacitor 表面贴装钽电 Hot swappable I2C-bus and SMBus bus buffer, SOT96-1 (SO8), Tube 表面贴装钽电 Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC, SOT407-1 (LQFP100), Tray Dry Pack, Bakeable, Single 表面贴装钽电 Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC, SOT926-1 (TFBGA100), Reel Dry Pack, SMD, 13" 表面贴装钽电 Hot swappable I2C-bus and SMBus bus buffer, SOT505-1 (TSSOP8), Reel Pack, SMD, 13" 表面贴装钽电
|
KEMET Corporation
|
SC18IS603IPW SC18IS602 SC18IS602B SC18IS602BIPW SC |
I2C-bus to SPI bridge; Package: SOT403-1 (TSSOP16); Container: Reel Pack, SMD, 13", Turned I2C BUS CONTROLLER, PDSO16
|
NXP Semiconductors N.V.
|
T89C51IC2-SLSIM T89C51IC T89C51IC2 T89C51IC2-RLTIL |
8-bit Microcontroller with Flash and I2C Interface 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQCC44 8-bit Microcontroller with Flash and I2C Interface 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQFP44 8-bit Microcontroller with Flash and I2C Interface 8位闪存微控制器的I2C接口 From old datasheet system
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
SLX24C0816 SLE24C01-S |
8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs/ I2C Synchronous 2-Wire Bus 1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs/ I2C Synchronous 2-Wire Bus
|
Siemens Semiconductor Group
|
ADSP-2189NBSTZ-320 ANALOGDEVICESINC-ADSP-2184NKSTZ |
DSP Microcomputer 24-BIT, 40 MHz, OTHER DSP, PBGA144 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 192KB RAM; Package: 100 ld LQFP; No of Pins: 100; Temperature Range: Ind 24-BIT, 40 MHz, OTHER DSP, PQFP100
|
ANALOG DEVICES INC Analog Devices, Inc.
|
TDA4886A |
140 MHZ VIDEO CONTROLLER WITH I2C-BUS
|
Philips Semiconductors
|
|