PART |
Description |
Maker |
RTC8593 |
(RTC-8583 / RTC-8593) IC-Bus Compatible Real Time Clock Module
|
EPSON Electronics
|
0462071008 46207-1008 |
4.20mm (.165) Pitch Mini-Fit RTC Reflow High Temperature Compatible Header, Dual Row, Vertical, 8 Circuits
|
Molex Electronics Ltd.
|
0469911004 46991-1004 |
4.20mm (.165) Pitch Mini-Fit RTC Reflow High Temperature Compatible Header, Right Angle, Dual Row, 4 MOLEX Connector
|
Molex Electronics Ltd.
|
0469911024 |
4.20mm (.165) Pitch Mini-Fit RTC Reflow High Temperature Compatible Header,Right Angle, Dual Row, 24 Circuits, without Mounting Peg, Tin (Sn) Over Nickel (Ni)Plating MOLEX Connector
|
Molex Electronics Ltd.
|
DS1338C DS1338C-33 DS1338Z-33 DS1338C-18 DS1338C-3 |
I2C RTC with 56-Byte NV RAM I²C RTC,带6字节NV RAM
|
Maxim Integrated Products, Inc. DALLAS[Dallas Semiconducotr] MAXIM - Dallas Semiconductor
|
M41ST84W M41ST84WMH M41ST84WMH1 M41ST84WMH1TR M41S |
5.0 or 3.0V / 512 bit 64 x 8 SERIAL RTC with SUPERVISORY FUNCTIONS 5.0 or 3.0V, 512 bit 64 x 8 SERIAL RTC with SUPERVISORY FUNCTIONS 8 WIRE INLINE COUPLER CROSS-PI 5.0.0V124 × 8串行实时时钟与监督职 SPEAKER BINDING POSTS, GOLD 2 PACK (BLCK & RED) 5.0.0V5124 × 8串行实时时钟与监督职
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
H7422 H7422-01 H7422P-50 H7422-02 H7422-20 H7422-4 |
Jack Screw; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No OSC 5V SMT PLAS 14X9 CMOS Slidelock; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Photosensor Modules
|
Hamamatsu Photonics HAMAMATSU[Hamamatsu Corporation]
|
X5083S8-2.7A X5083V8 X5083PI-4.5A X5083PI-2.7A X50 |
N-CHANNEL SILICON JUNCTION FET SOT23 IC, SMT SRAM 32K X 8 12NS 3.3V SOJ-28-300MIL RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8
|
Intersil Corporation Intersil, Corp.
|
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
ISL12057IRUZ-T ISL12057IUZ |
Low Cost and Low Power I<sup>2</sup>C RTC Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function and Dual IRQ pins; 8-uTDFN; Ind Temp REAL TIME CLOCK, PDSO8 Low Cost and Low Power I<sup>2</sup>C RTC Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function and Dual IRQ pins; 8-MSOP; Ind Temp REAL TIME CLOCK, PDSO8
|
Intersil, Corp.
|
93AA46 |
This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, 93C46A/B/C 1K Microwire-Compatible Serial EERPOM.
|
Microchip
|
SM6702-27HB SM6702-30HA SM6702-33HB SM6702 SM6702- |
Switches; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No PFM Step-up DC/DC Converter
|
Seiko NPC Corporation NPC[Nippon Precision Circuits Inc]
|