PART |
Description |
Maker |
MAX3353E MAX3353EEUET |
USB On-the-Go Charge Pump with Switchable Pullup/Pulldown Resistors USB On-the-Go电荷泵,带有可切换的上拉/下拉电阻
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX3353EEBP-T MAX3353EEUE MAX3353E |
USB On-the-Go Charge Pump with Switchable Pullup/Pulldown Resistors
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX3353EEBP MAX3353EEBPT MAX3353EERP MAX3353EERPT |
USB On-the-Go Charge Pump with Switchable Pullup/Pulldown Resistors
|
MAXIM - Dallas Semiconductor
|
CAT3200 CAT3200ZI-GT3 CAT3200TDI-GT3 |
Low Noise Regulated Charge Pump DC-DC Converter DC-DC, 2x Charge Pump, Vadj -100 mA 0.2 A SWITCHED CAPACITOR REGULATOR, 2600 kHz SWITCHING FREQ-MAX, PDSO8
|
Rectron Semiconductor
|
MAX138 MAX138CMH MAX138CPL MAX138CQH MAX138EPL MAX |
3?Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter From old datasheet system 3Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter 3?Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter TRANS DARL NPN 40V SMD SOT23 SWITCH, MJTP1162A, PB, SPST, SMD 3??igit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter 18-Bit Bus Transceivers With 3-State Outputs 56-SSOP -40 to 85
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
TC1121EOA TC1121EPA TC1121EUA TC1121COA TC1121 TC1 |
The TC1121 is a charge pump converter with 100mA output current capability. It converts a 2.4V to 5.5V input to a corresponding negative ... The TC1121 is a charge pump converter with 100mA output current capability. It converts a 2.4V to 5.5V input to a corresponding negative output voltage. As with all charge pump converters, the TC1121 uses no inductors saving cost, size, an 100mA Charge Pump Voltage Converter with Shutdown
|
MICROCHIP[Microchip Technology]
|
TC7660S TC7660SEOA TC7660SEPA TC7660SMJA TC7660SCP |
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER The TC7660S is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 1.5V to 12V input to a corresponding -1.5V to -12V output using only two low-cost capacitors, eliminating inductors and
|
MICROCHIP[Microchip Technology]
|
TC7660 TC7660MOA TC7660MOA713 |
Charge Pump DC-to-DC Voltage Converter The TC7660 is a pin-compatible replacement for the Industry standard TC7660 charge pump voltage converter. It converts a 1.5V to 10V input to a corresponding – 1.5V to -10V output using only two low-cost capacitors,eliminating indu
|
http:// Microchip
|
TC7662A02 TC7662AMJA TC7662ACPA TC7662AEPA TC7662A |
Charge Pump DC-to-DC Converter The TC7662A is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 3V to 18V input to a corresponding –3V to –18V output using only two low-cost capacitors, eliminating induct
|
MICROCHIP[Microchip Technology]
|
LTC1522 LTC1522CMS8 1522F LTC1522CS8 |
From old datasheet system Micropower/ Regulated 5V Charge Pump DC/DC Converter Micropower, Regulated 5V Charge Pump DC/DC Converter
|
LINEAR TECHNOLOGY CORP
|
PI5USB58 |
USB Sleep and Charge Switch for Single USB Port
|
Pericom Semiconductor
|