PART |
Description |
Maker |
M74HC365 M74HC365B1R M74HC365C1R M74HC365F1R M74HC |
RAD-HARD HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING) HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
M74HC365YTTR |
Hex Bus Buffer (3-State)
|
ST Microelectronics
|
DM74LS365A |
Hex 3-STATE Buffer/Bus Driver
|
Fairchild
|
M54HC367K1 M54HC36704 M54HC367D M54HC367D1 M54HC36 |
RAD-HARD HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING
|
ST Microelectronics STMicroelectronics
|
HD74LS367 HD74LS367A HD74LS367AP 74LS367 |
Hex Bus Drivers with noninverted 3-state outputs 2-Bit/4-BitBuffer/Driver
Hex Bus Drivers(non-inverted data outputs with three-state outputs) 2-Bit/4-Bit Buffer/Driver
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
5962F9862301VCC ACS14MS ACS14DMSR-03 5962F9862301V |
CAPACITOR .033UF 200V M SERIES Quadruple Bus Buffer Gate With 3-State Outputs 14-SOIC 0 to 70 Radiation Hardened Hex Inverting Schmitt Trigger
|
Intersil Corporation
|
BXA3 BXA3-24S3V3 BXA3-12S15 BXA3-12S3V3 BXA3-24D05 |
Octal D-type flip flop non-inverting (3-state) with 5V tolerant inputs and outputs Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs DC至DC转换 Low voltage CMOS octal bus transceiver (3-state) with 5V tolerant inputs and outputs Low voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5V tolerant inputs and outputs Low voltage CMOS dual 2 to 4 decoder / demultiplexer OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS Low voltage CMOS 3 to 8 line decoder (inverter) with 5 V tolerant inputs 3W Wide Input DC/DC Converters
|
Electronic Theatre Controls, Inc. ARTESYN[Artesyn Technologies]
|
MM74HC540 MM74HC540MTC MM74HC540N MM74HC540SJ MM74 |
Inverting Octal 3-STATE Buffers Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer 1.5 A, 260 kHz Low Voltage Buck Regulators with External Bias; Package: DFN18 6x5, 0.5p; No of Pins: 18; Container: Tape and Reel; Qty per Container: 2500 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
74LVQ541TTR 74LVQ541 74LVQ541MTR |
LVQ SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 From old datasheet system OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NO INVERTED) OCTAL BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M74HC241B1R M74HC241RM13TR M74HC241M1R M74HC241TTR |
HC/UH SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, PDIP20 OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
|
STMicroelectronics ST Microelectronics
|
TC7MET540AFK TC7MET541AFK |
Octal Bus Buffer Non-Inverted, 3-State Outputs Octal Bus Buffer Inverted, 3-State Outputs TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
|
Toshiba Semiconductor
|