PART |
Description |
Maker |
LTM4649 |
10A Step-Down DC/DC Module Regulator
|
Linear Technology
|
MP2905EK |
1.2V, 10A, 300kHz, Hysteretic Synchronous Step-Down Controller Evaluation Board
|
Monolithic Power System...
|
DC11.0001.001 DC11.0001.201 |
Switched IEC Power Connector; Mounting Type: Panel; Approval Bodies:UL, CSA; Body Depth:36.35mm; Body Length:44mm; Body Material: Thermoplastic; Body Width:34mm 12/10A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET POWER ENTRY MODULE, 2-POLEPOWER ENTRY MODULE, 2-POLE; Current rating:10A; Approval Bodies:UL 498, CSA C22.2 no. 42; Approval category:10A IEC, 12A UL/CSA; Colour:black; Current, max:12A; Mounting Type:Snap In; Standard:C14 acc.To
|
SCHURTER AG SCHURTER INC
|
GSF2.2013.01 GSF2.1013.01 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 10A; Terminal Type: Quick Connect Solder Tabs; Panel mount; fuseholder inside; optional insulation cover 10A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER
|
SCHURTER AG
|
MP38900-B MP38900DL-B |
High Efficiency, Fast Transient, 10A, 16V Synchronous Step-down Converter In a Tiny QFN20 Package
|
Monolithic Power Systems
|
MC78M15ACDT MC78M06ACDT MC78M08ACDT |
(-)8Vout 1.5Amp Wide-Input Negative Step-Down ISR 3-SIP MODULE 5.25Vout 2Amp Wide-Input Positive Step-Down ISR 3-SIP MODULE 三端介质目前的积极的固定电压调节 (-)9Vout 0.55Amp Wide-Input Plus to Minus Voltage ISR 3-SIP MODULE 8 V FIXED POSITIVE REGULATOR, PSSO2
|
Motorola, Inc. Motorola Mobility Holdings, Inc.
|
FSBS10CH60 |
10A, Smart Power Module
|
Fairchild Semiconductor
|
6MBI10S-120 |
IGBT MODULE(1200V/10A)
|
FUJI ELECTRIC HOLDINGS CO., LTD. FUJI[Fuji Electric]
|
178050601 178012402 178032401 171012402 171032401 |
MagI3C Power Module VDRM - Variable Step Down Regulator Module
|
Wurth Elektronik GmbH &...
|
UVP-7188X UVP-7188 7188EGWA |
0.787 inch ( 20.0mm ) 8X8 DOT MATRIX LED DISPLAY 0.787英寸(二十零点零毫米X8点阵LED显示 High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator
|
Unity Opto Technology Co., Ltd. UOT[Unity Opto Technology]
|