PART |
Description |
Maker |
LTC6242HGN LTC6242HGNTRPBF LTC6242HVHGN LTC6242HVH |
Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amp
|
Linear Technology
|
ADA4691-2 ADA4691-4 |
Low Power, Wideband, Low Noise, Rail-to-Rail Output, Dual Op Amp Low Power, 3.6 MH<span style="text-transform: lowercase">z</span>, Low Noise, Rail-to-Rail Output, Quad Op Amp
|
Analog Devices
|
LT6202CS5 LT6202CS8 LT6203CS8 LT6202 LT6204 LT6204 |
Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nVrtHz Noise, Low Power Op Amps
|
http:// Linear Technology Corporation LINER[Linear Technology]
|
MAX4475 MAX4475ASA MAX4475AUA MAX4475AUT-T MAX4476 |
SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps SOT23 / Low-Noise / Low-Distortion / Wide-Band / Rail-to-Rail Op Amps SOT23 Low-Noise Low-Distortion Wide-Band Rail-to-Rail Op Amps "SOT23, Low-Noise/Distortion, Wideband, Rail-to-Rail Op Amp" SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps DUAL OP-AMP, 750 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO8
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AM27C010-150PI AM27C010-255PI AM27C010-255DCB AM27 |
Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nVrtHz Noise, Low Power Op Amps; Package: SO; No of Pins: 14; Temperature Range: -40°C to 85°C 165MHz, Rail-to-Rail Input and Output, 0.95nV/rtHz Low Noise, Op Amp Family; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 60MHz, Rail-to-Rail Output, 1.9nV/rtHz, 1.2mA Op Amp Family; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C x8 EPROM x8存储
|
Bourns, Inc. Advanced Micro Devices, Inc.
|
AD8617ARMZ AD8613AKSZ-R2 AD8613AKSZ-REEL AD8613AUJ |
Low Cost Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifier; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 2200 uV OFFSET-MAX, 0.35 MHz BAND WIDTH, PDSO8 Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
|
Analog Devices, Inc.
|
LT1677CS8PBF LT1677IN8 |
Low Noise, Rail-to-Rail Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 120 uV OFFSET-MAX, 6.2 MHz BAND WIDTH, PDSO8 Low Noise, Rail-to-Rail Precision Op Amp
|
Linear Technology, Corp.
|
HA1-5104_883 HA-5104883 HA-5104/883 |
Op Amp, Quad 8MHz, Unity Gain Stable, Low Noise, 883 Compliant Low Noise, High Performance, Quad Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
AD5624 AD5624BRMZ-REEL7 AD5664BRMZ-REEL7 AD5624BCP |
2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC<sup>?</sup> 2.7 V to 5.5 V, 450 µA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs® 2.7 V to 5.5 V, 450 レA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs 2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
|
AD[Analog Devices]
|
LMX358 LMX358AKA-T LMX358ASA LMX358AUA LMX321 LMX3 |
Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps DUAL OP-AMP, 6000 uV OFFSET-MAX, 1.3 MHz BAND WIDTH, PDSO8 Single/Dual/Quad / General-Purpose / Low-Voltage / Rail-to-Rail Output Op Amps Single/Dual/Quad/ General-Purpose/ Low-Voltage/ Rail-to-Rail Output Op Amps
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor http://
|
|