PART |
Description |
Maker |
AMS1309CXX AMS1309BXX AMS1309AXX AMS1309F AMS1309D |
Low ripple and low noise
|
Advanced Monolithic Systems Ltd
|
BA6212 |
; Short circuit protection, Thermal shutdown; Non standard outputs available as specials between 3.3V~24V; Low ripple and noise; L version with 90
|
Rohm CO.,LTD.
|
C-561E A-561G A-561E A-561SR A-561Y C-561Y A-551E |
SINGLE DIGIT DISPLAY for 250VAC; UL-60950-1 / CSA C22.2 certified; 5.2kVDC Isolation for 1 Minute; Optional Continuous Short Circuit Protected; Wide Operating Temperature C to 85C, Low Ripple & Noise, High Efficiency up to 80%, Low Profile Plastic Case, Single, Dual & Dual Separated Outputs
|
PARA Light ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
C106DG C106M1G C106D1G C106MG C106 C106M1 C106B C1 |
From old datasheet system Voltage Ranges; 1kVDC, 2kVDC & 3kVDC Isolation; UL94V-0 Package Material; Continuous Short Circuit Protection; Low Ripple and Noise; Remote On/Off Sensitive Gate Silicon Controlled Rectifiers 4 A, 600 V, SCR, TO-225AA
|
http:// ONSEMI[ON Semiconductor]
|
CBL-2FT-NMNM CBL-2FT-SMNM CBL-2FT-SMSM CBL-3FT-NMN |
Coaxial-Flex Test Cables 50?/a> DC to 18 GHz Coaxial-Flex Test Cables 50 DC to 18 GHz AC-DC Converter, 250 Watt, Input VAC: 90~260, Output VDC: 24, Max Output Current(A): 10.4, Package: Enclosed, Isolation(VDC): 3000, Operating Temp.: -25C to 70C, Low Ripple & Noise, High Efficiency up to 80%, PFC Function, Single Outputs AC-DC Converter, 250 Watt, Input VAC: 90~260, Output VDC: 5, Max Output Current(A): 40, Package: Enclosed, Isolation(VDC): 3000, Operating Temp.: -25C to 70C, Low Ripple & Noise, High Efficiency up to 80%, PFC Function, Single Outputs Coaxial-Flex Test Cables 50з DC to 18 GHz 同轴电缆弯曲试验电缆50зDC8千兆 AC-DC Converter, 250 Watt, Input VAC: 90~260, Output VDC: 3.3, Max Output Current(A): 40, Package: Enclosed, Isolation(VDC): 3000, Operating Temp.: -25??C to 70??C, Low Ripple & Noise, High Efficiency up to 80%, PFC Function, Single Outputs Coaxial-Flex Test Cables 50蟹 DC to 18 GHz
|
http:// Mini-Circuits
|
PE-52625NL PE-52626NL PE-52628NL PE-52645NL PE-526 |
1 ELEMENT, 145 uH, GENERAL PURPOSE INDUCTOR STANDARD LOW POWER INDUCTORS / Switch Mode Power Converters & Ripple Filters STANDARD LOW POWER INDUCTORS / Switch Mode Power Converters & Ripple Filters STANDARD LOW POWER INDUCTORS Switch Mode Power Converters & Ripple Filters
|
PULSE ELECTRONICS CORP N.A. ETC[ETC] Pulse A Technitrol Company List of Unclassifed Manufacturers
|
1N5524 1N5545 1N5519 1N5520 1N5521 1N5522 1N5523 1 |
Nom zener voltage:33.0V; measured from 1000-3000Hz; low voltage avalanche zener diode; high performance: low noise, low leakage Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极 LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE/ LOW LEAKAGE MSTBVA 2,5/13-G-5,08 LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE LOW LEAKAGE LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
|
Electronic Theatre Controls, Inc. Knox Semiconductor Inc KNOX[Knox Semiconductor Inc] KNOX[Knox Semiconductor, Inc]
|
450C472M300BF8 450C601M400AH8 450C801M300AH8 450C1 |
Ultra-Ripple, Long-life, Inverter Grade, Radial Leaded The Ultimate in Ripple for Plug-in
|
Cornell Dubilier Electronics Cornell Dubilier Electronic... Cornell Dubilier Electr...
|
MGA-633P8-BLKG MGA-633P8-TR1G |
Ultra Low Noise, High Linearity Active Bias Low Noise Amplifi er
|
AVAGO TECHNOLOGIES LIMITED
|
MCP1256 MCP1259T-EUN MCP1256-EMF MCP1256-EUN MCP12 |
Regulated 3.3V, Low-Ripple Charge Pump with Low-Operating Current SLEEP Mode or BYPASS Mode From old datasheet system Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
MMBT5087L MMBT5087LT1 MMBT5087LT1-D MMBT5087LT3 |
Small Signal Low Noise Low Noise Transistor PNP Silicon
|
ON Semiconductor
|