PART |
Description |
Maker |
J115F11A277VACN6.6U J115F11A277VACN6.9U J115F11B27 |
UL F class rated standard
|
CIT Relay & Switch
|
J115F21AL277VACN.6U J115F21AL277VACN.9U J115F21CL2 |
UL F class rated standard
|
CIT Relay & Switch
|
VKP222MCQED0KR VKP102MCQERUKR |
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC AC Line Rated Ceramic Disc Capacitorsnull Class X1, 760 VAC, Class Y1, 500 VAC
|
Vishay Siliconix
|
PX0596 PX0598 PX0599 |
EN60 320-1 Standard Sheet C19 Class I & Standard Sheet C20 Class I Cold Condition
|
Elektron Components Ltd.
|
VY1471M31Y5UQ6V0 VY1151K31Y5SQ6V0 VY1100K31U2JQ6V0 |
AC Line Rated Disc Capacitors AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
|
Vishay Siliconix
|
PX0591/63 PX0592/15/63 PX0594 |
EN60 320-2-2 Standard Sheet J & Standard Sheet I, Class I Cold Condition
|
Elektron Components Ltd.
|
313-910-1161G 200-510-0360G 200-510-0470G 200-510- |
Blind Mate Contact, fits in standard housing. Rated to 5 GHz. Mates with PkZ.
|
ETC[ETC]
|
PX0587 PX0587/SE PX0588 |
EN60 320-1 Standard Sheet C13 Class I Rewirable Cold Condition
|
Elektron Components Ltd.
|
RLT425-50CMG |
RLT425-50CMG is a violet laser diode emitting at 425 nm with rated output power of 50 mW CW at room temperature, in standard 5.6mm TO package
|
Roithner LaserTechnik GmbH
|
F1778410K2FCB0 F1778X2 |
Interference Suppression Film Capacitor - Class X2 Radial MKP 310 VAC - Standard Across the Line
|
Vishay Siliconix
|
C62122-A132-B95 B84115-E-A110 B84115-E-A30 B84115- |
SIFI-E for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
|
EPCOS AG EPCOS[EPCOS]
|