PART |
Description |
Maker |
J109F1CS1024VDC.36 J109F1CS1024VDC.45 J109F1CS1024 |
UL F class rated standard
|
CIT Relay & Switch
|
J115F21AL277VACN.6U J115F21AL277VACN.9U J115F21CL2 |
UL F class rated standard
|
CIT Relay & Switch
|
PX0596 PX0598 PX0599 |
EN60 320-1 Standard Sheet C19 Class I & Standard Sheet C20 Class I Cold Condition
|
Elektron Components Ltd.
|
WKO392 WKO102 WKO152 WKO222 WKO222MCPCRAKR WKO330 |
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
|
Vishay Siliconix
|
VY1471M31Y5UQ6V0 VY1151K31Y5SQ6V0 VY1100K31U2JQ6V0 |
AC Line Rated Disc Capacitors AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
|
Vishay Siliconix
|
440LD30-R 440LD32-R 440LD39-R 440LD33-R 440LT33-R |
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
|
Vishay Siliconix
|
W1X103SCVCF0KR |
AC Line Rated Ceramic Disc Capacitors Class X1, 275 VAC
|
Vishay Siliconix
|
PX0691/10/28 PX0691/10/PC PX0690 PX0690/28 |
EN60 320-1 Standard Sheet C18 Class II Cold Condition
|
Elektron Components Ltd.
|
PF0001/28 PF0002/28 PF0001/PC |
EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused)
|
Elektron Components Ltd.
|
C62122-A132-B91 B84111-A-A10 B84111-A-A110 B84111- |
SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
|
EPCOS[EPCOS]
|
C62122-A132-B94 B84114-D-A10 B84114-D-A110 B84114- |
SIFI-D for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 10 A
|
EPCOS[EPCOS]
|