PART |
Description |
Maker |
EL5375IU-T7 EL5175ISZ EL5375 EL5175 EL5375IUZ-T7 E |
550MHz Differential Line Receivers 550MHz的差分线接收 550MHz Differential Line Receivers TRIPLE LINE RECEIVER, PDSO24 550MHz Differential Line Receivers LINE RECEIVER, PDSO8 Replaced by PCM2903B : Stereo USB1.1 CODEC with line-out and S/PDIF I/O, Self-powered (HID Interface) 28-SSOP 0 to 70
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL59910 |
(ISL59910 / ISL59913) Triple Differential Receiver/Equalizer
|
Intersil Corporation
|
AD8123ACPZ-RL AD8123 AD8123ACPZ-R2 AD8123ACPZ-R7 |
Triple Differential Receiver with Adjustable Line Equalization
|
AD[Analog Devices]
|
AD8123ACPZ AD8123ACPZ-R71 AD8123ACPZ1 AD8123ACPZ-R |
Triple Differential Receiver with Adjustable Line Equalization
|
Analog Devices
|
10116D 10116F 10116N 10116 |
Line Receiver / Triple Differential Line Receiver
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
ICS853017 ICS853017AM ICS853017AMT |
QUAD, 1-TO-1 DIFFERENTIAL-TO-2.5V/3.3V/5V LVPECL/ECL RECEIVER Low Skew, 1-to-1, Differential-to-LVPECL Receiver. Industrial Temperature. Improved Performance.
|
Integrated Circuit Syst... ICST[Integrated Circuit Systems]
|
MC10EL1606 MC100EL16DR2G MC10EL16DR2G MC10EL16MNR4 |
5.0 V ECL Differential Receiver LINE RECEIVER, DSO8
|
ONSEMI[ON Semiconductor]
|
SY100EL16V SY10EL16VBKCTR SY10EL16VBZC SY10EL16VBZ |
ENHANCED DIFFERENTIAL RECEIVER LINE RECEIVER, PDSO8
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
LT1039A-16 LT1039A LT1039ACN1 LT1039ACSW LT1039AI |
Triple RS232 Driver/Receiver with Shutdown From old datasheet system TERM BLOCK HDR 5.08MM 15POS PCB JT 61C 61#20 SKT RECP Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO16
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
AND8090 AND8090D MC100H601 MC100H601FN MC10H106FN |
3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Low Impedance Driver LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 8 Input Priority Encoder 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V Dual Differential LVPECL to LVTTL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 3.3V / 5V Programmable PLL Synthesized Clock Generator (25 to 400 MHz) 2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs Triple 4-3-3-Input NOR Gate 9-Bit ECL-TTL Translator AC Characteristics of ECL Devices
|
Motorola ONSEMI[ON Semiconductor]
|