PART |
Description |
Maker |
AM29845AJC AM29845A/BLA AM29845ADMB AM29845APC AM2 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package; A IRG4BC30K with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50K with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC40U with Standard Packaging 600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package; Similar to IRG4PC40K with Lead Free Packaging 1200V UltraFast 8-25 kHz Single IGBT in a TO-274AA package; A IRGPS40B120U with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50U with Standard Packaging 1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package; A IRG4PSH71U with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a D2-Pak package; A IRG4BH20K-S with Standard Packaging 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50F with Standard Packaging 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50U with Standard Packaging 10-Bit D-Type Latch 600V Warp 60-150 kHz Discrete IGBT in a TO-262 package; A IRG4BC40WL with Standard Packaging 8位D型锁存器 8-Bit D-Type Latch 8位D型锁存器
|
Bourns, Inc.
|
IRG7PH37K10D |
1200V UltraFast 4-20 kHz Copack IGBT in a TO-247 package
|
International Rectifier
|
IRG7PH30K10D IRG7PH30K10DPBF |
1200V UltraFast 4-20 kHz Copack IGBT in a TO-247AC package
|
International Rectifier
|
IRG4PSH71UPBF |
1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package
|
International Rectifier
|
20MT120UF 20MT120UFPBF |
40 A, 1200 V, N-CHANNEL IGBT MTP, 18 PIN UltraFast NPT IGBT 1200V UltraFast 10-30 kHz Full-Bridge IGBT in a MTP package
|
Vishay Semiconductors IRF[International Rectifier]
|
IRG4PSH71UD |
99 A, 1200 V, N-CHANNEL IGBT, TO-274AA INSULATED GATE BIPOLAR TRANSISTOR WITH 1200V UltraFast 4-20 kHz CoPack IGBT in a TO-274AA package
|
IRF[International Rectifier]
|
IRG4PH50U |
1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V Vce(on)typ.=2.78V @Vge=15V Ic=24A) INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.78V, @Vge=15V, Ic=24A)
|
IRF[International Rectifier]
|
RURU150120 FN4146 |
150A/ 1200V Ultrafast Diode 150A, 1200V Ultrafast Diode 150A 1200V Ultrafast Diode From old datasheet system
|
INTERSIL[Intersil Corporation]
|
40MT120UH 40MT120UHT |
1200V UltraFast 10-30 kHz Half-Bridge IGBT in a MTP package HALF-BRIDGE IGBT MTP UltraFast NPT IGBT
|
IRF[International Rectifier]
|
IRGP30B60KD-E IRGP30B60KD-EP |
600V UltraFast 5-40 kHz Copack IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
IRF[International Rectifier]
|