PART |
Description |
Maker |
SEF112B |
1.0 A High Voltage Ultrafast Rectif
|
SeCoS Halbleitertechnologie GmbH
|
AD7492AR AD7492ARU-5 AD7492BR AD7492BRU-5 AD749201 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 500kHz High Efficiency 3A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C 1MSPS, 4mW Internal Ref & Clk, 12-Bit Parallel ADC 1MSPS, 4mW Internal Ref & Clk, 12-Bit Parallel ADC IC,A/D CONVERTER,SINGLE,12-BIT,SOP,24PIN 1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC 500kHz High Efficiency 3A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 500kHz High Efficiency 3A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS A/D CONVERTER A / D转换 500kHz High Efficiency 6A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C 的A / D转换
|
Analog Devices Inc NEC, Corp. Electronic Theatre Controls, Inc.
|
1N5816 1N5803 1N5805 1N5810 1N5802 1N5809 1N5808 |
ULTRA FAST RECTIFIERS RECTIFIERS HIGH EFFICIENCY/ ESP/ 2.5 AMP TO 20 AMP RECTIFIERS HIGH EFFICIENCY ESP 2.5 AMP TO 20 AMP
|
MICROSEMI[Microsemi Corporation]
|
LTC1142-ADJ LTC1142HV-ADJ LTC1142HVCG-ADJ LTC1142L |
Dual High Efficiency Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS OCTAL BUS TRANSCEIVER O.C. 20-SO 0 to 70
|
Linear Technology Corporation
|
ISL8009AIRZ-T |
1.5A Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator; Temperature Range: -40°C to 85°C; Package: 8-DFN T&R 2.6 A SWITCHING REGULATOR, 1750 kHz SWITCHING FREQ-MAX, PDSO8
|
Intersil, Corp.
|
LTC1503CMS8-1.8 LTC1503IS8-1.8 LTC1503CS8-1.8 LTC1 |
High Efficiency Inductorless Step-Down DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1-OUTPUT DC-DC REG PWR SUPPLY MODULE High Efficiency Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 1-OUTPUT DC-DC REG PWR SUPPLY MODULE High Efficiency Inductorless Step-Down DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1-OUTPUT DC-DC REG PWR SUPPLY MODULE High Efficiency Inductorless Step-Down DC/DC Converters
|
Linear Technology, Corp.
|
VCN60BADJTU-1C MDCVCN6070 |
High Efficiency, High Current Density, 60 or 70 Amp Single Inline Package DC/DC Converters
|
Murata Manufacturing Co., Ltd.
|
LT1371CRPBF LT1371HVIRPBF |
500kHz High Efficiency 3A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C
|
NXP Semiconductors N.V. LINEAR TECHNOLOGY CORP
|
LT1371HVIRTR LT1371CRTRPBF LT1371HVIRTRPBF LT1371H |
500kHz High Efficiency 3A Switching Regulator; Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C 3 A SWITCHING REGULATOR, 580 kHz SWITCHING FREQ-MAX, PDSO20 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS SWITCHING REGULATOR, 580 kHz SWITCHING FREQ-MAX, PSSO7 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 580 kHz SWITCHING FREQ-MAX, PSSO7 500kHz High Efficiency 3A Switching Regulator; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C SWITCHING REGULATOR, 580 kHz SWITCHING FREQ-MAX, PSSO7
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
HM62V8512B HM62V8512BLFP-7 HM62V8512BLFP-7SL HM62V |
ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% Quadruple Bus Buffer Gate With 3-State Outputs 14-PDIP -40 to 85 4 M SRAM (512-kword x 8-bit)
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
HER801 |
8.0 AMP HIGH EFFICIENCY RECTIFIERS
|
Goodwork Semiconductor Co.,...
|
HER201 HER207 HER208 HER203 |
2.0 AMP HIGH EFFICIENCY RECTIFIERS
|
UNIOHM CORPORATION
|