PART |
Description |
Maker |
FQA11N90F109 |
N-Channel QFETMOSFET 900V, 11.4A, 960m
|
Fairchild Semiconductor
|
FQPF9N90C FQP9N90C |
900V N-Channel Advance Q-FET C-Series 900V N-CHANNEL MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQI3N90 FQB3N90 FQB3N90TM FQI3N90TU |
900V N-Channel MOSFET(漏源电压900V的N沟道增强型MOSFET) 900V N-Channel QFET
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
STU9NC90ZI STU8NC90Z STU8NC90ZI 7291 |
7 A, 900 V, 1.38 ohm, N-CHANNEL, Si, POWER, MOSFET N-CHANNEL 900V - 1.1ohm - 7.6A Max220/I-Max220 Zener-Protected PowerMESH?III MOSFET N-CHANNEL 900V - 1.1ohm - 7.6A Max220/I-Max220 Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 900V - 1.1ohm - 7.6A Max220/I-Max220 Zener-Protected PowerMESHIII MOSFET OLD PRODUCT: NOT SUITABLE FOR NEW DESIGN-IN From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FQB2NA90 FQI2NA90 FQB2NA90TM FQI2NA90TU |
900V N-Channel QFET 900V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
STB6NC90Z STB6NC90Z-1 STP6NC90ZFP STP6NC90Z |
N-CHANNEL 900V - 1.55ohm - 5.4A TO-220/FP/D?PAK/I?PAK Zener-Protected PowerMESH⑩III MOSFET N沟道900V - 1.55ohm - 5.4A TO-220/FP/D?巴基斯我?巴基斯坦齐保护的PowerMESH⑩三MOSFET N-CHANNEL 900V - 1.55 OHM - 5.4A TO-220/FP/DPAK/IPAK ZENER-PROTECTED POWERMESH III MOSFET N-CHANNEL 900V - 1.55ohm - 5.4A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 900V - 1.55ohm - 5.4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STB3NC90 STB3NC90Z |
N-CHANNEL 900V - 3.2W - 3.5A D2PAK Zener-Protected PowerMESH?III MOSFET N-CHANNEL 900V - 3.2W - 3.5A D2PAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 900V - 3.2W - 3.5A D2PAK Zener-Protected PowerMESH⑩III MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
IRFPF50 IRFPF50PBF |
900V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=900V, Rds(on)=1.6ohm, Id=6.7A)
|
International Rectifier
|
STW5NB90 |
N - CHANNEL 900V - 2.3 Ohm - 5.6A - TO-247 PowerMESH MOSFET N - CHANNEL 900V - 2.3ohm - 5.6A - TO-247 PowerMESH MOSFET
|
SGS Thomson Microelectronics STMicroelectronics
|
FQD8P10TM FQD8P10TMF085 |
100V P-Channel QFETMOSFET 100V P-Channel MOSFET
|
Fairchild Semiconductor
|