PART |
Description |
Maker |
DW04DR117 |
M12 Male 90 Degree to M12 Male
|
Alpha Wire
|
SPL001 |
M12 Male to 2X M12 Female Splitter
|
Alpha Wire
|
DR03AR104 |
M12-A Male to M12-A Female
|
Alpha Wire
|
466P33.3132.F 466P33.3131.F 470P19.1616.F 470P33.3 |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits KUPPLUNG FLEX KURZ GR 33 BOHR 3/8MAL3/8 KUPPLUNG FLEX LANG GR 33 BOHR 3/8 MAL 10 KUPPLUNG FLEX KURZ GR 33 BOHR 10 MAL 10 KUPPLUNG FLEX LANG GR 26 BOHR 6 MAL 6 KUPPLUNG FLEX KURZ GR 26 BOHR 6 MAL 1/4 KUPPLUNG FLEX LANG GR 26 BOHR 1/4 MAL1/4 KUPPLUNG FLEX LANG GR 19 BOHR 3 MAL 1/8 Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits KUPPLUNG FleX创建郎遗传资9玻尔3仲裁
|
Amphenol, Corp.
|
8A4006-31 8A4000-31 8R4006A18A120 8R4A00A18A120 |
M12 Field-Attachable 4 Pole Male Mount Receptacle,Straight Male and Female Connector and 5m Single-Ended Cable
|
MolexKits
|
FL-SWITCH-7008-EIP |
Managed Switch 7000, 8 RJ45 ports 10/100 Mbps, degree of protection: IP20, EtherNet/IP?
|
PHOENIX CONTACT
|
XC6372F XC6372 XC6372A XC6372B XC6372C XC6372D XC6 |
LINEAR HALL EFFECT SENSOR, DFN-6; Temp, op. min:-20(degree C); Temp, op. max:85(degree C); Pins, No. of:6; Case style:DFN; Base number:1395; Termination Type:SMD; Temperature, operating range:-20(degree C) to (degree C) RoHS Compliant: Yes XC6372
|
TOREX SEMICONDUCTOR LTD. TOREX[Torex Semiconductor]
|
DR0300100 |
M12-A Male
|
Alpha Wire
|
DR03GR100 |
M12-A Male to M8 Female
|
Alpha Wire
|
FW12EW126 |
M23 Male 90 Degree to M23 Female 90 Degree
|
Alpha Wire
|
192030379 |
Krimptite Quick Disconnect, Female Steel 900 Degree F/383 Degree C, 10-12 AWGTab 6.35mm (.250)
|
Molex Electronics Ltd.
|
SD-120066-020 1200660883 |
Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 2.0M (6.56 )
|
Molex Electronics Ltd.
|