PART |
Description |
Maker |
HVRW4 |
4.0kV 1.0A HIGH VOLTAGE DIODE
|
getedz electronics
|
BR4 |
4.0kV 1.0A HIGH VOLTAGE DIODES
|
getedz electronics
|
JB04 |
4.0kV 5mA HIGH VOLTAGE DIODES
|
getedz electronics
|
ESJA08-06-17 |
5.0mA 6.0kV 80nS-- High Voltage Diodes
|
GETAI ELECTRONICS DEVIC...
|
HV200F04-17 |
200mA 4.0kV 100nS-- High Voltage Diodes
|
GETAI ELECTRONICS DEVIC...
|
LQW15AN4N3C00D LQW15AN47NJ00D LQW15AN12NJ00D LQW15 |
INDUCTOR 4.3NH 750MA 0402 1 ELEMENT, 0.0043 uH, ALUMINA-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 47NH 210MA 0402 1 ELEMENT, 0.047 uH, ALUMINA-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 12NH 500MA 0402 1 ELEMENT, 0.012 uH, ALUMINA-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP IND 0402 2.7NH /-0.2NH 850MA 0.05OHM 1 ELEMENT, 0.0027 uH, ALUMINA-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 2.7NH 850MA 0402 1 ELEMENT, 0.0027 uH, ALUMINA-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 39NH 250MA 0402 1 ELEMENT, 0.039 uH, ALUMINA-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 56NH 200MA 0402 1 ELEMENT, 0.056 uH, ALUMINA-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP IND 0402 68NH 5% 140MA 1.95OHM 1 ELEMENT, 0.068 uH, ALUMINA-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 6.2NH 700MA 0402 1 ELEMENT, 0.0062 uH, ALUMINA-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 7.5NH 570MA 0402 1 ELEMENT, 0.0075 uH, ALUMINA-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.013 uH, ALUMINA-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
IXSH45N120B IXSH45B120B IXST45B120B |
High Voltage IGBT S Series - Improved SCSOA Capability IGBT Discretes: Low Saturation Voltage Types High Voltage IGBT(VCES200V,VCE(sat).0V的高电压绝缘栅双极晶体管) 75 A, 1200 V, N-CHANNEL IGBT, TO-247AD 1200V high voltage IGBT
|
IXYS Corporation IXYS, Corp.
|
T308N20TOC |
2.0kV V[drm] Max., 308A I[T] Max. Silicon Controlled Rectifier
|
Eupec Power Semiconductors
|
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
SCPHN20 SCPHN26 SCPHN10 SCPHN16 SCPHN30 SCPHN6 |
High Voltage,High Current,High Density Standard Recovery Rectifier(????靛?16000V锛?俯搴?5???骞冲??存??垫?5.5A,楂??锛?ぇ?垫?,楂??搴??????㈠??存??? 5.5 A, 16000 V, SILICON, RECTIFIER DIODE High Voltage,High Current,High Density Standard Recovery Rectifier(反向电压6000V,温5℃时平均整流电流5.5A,高压,大电流,高密度,标准恢复整流 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|
2SC4631LS |
NPN Triple Diffused Planar Silicon Transistor 900V / 300mA High-Voltage Amplifier, High-Voltage Switching Applications 900V/300mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
|