PART |
Description |
Maker |
CC2420 CC2420DK CC2420DBK CC2420/TR |
LC2MOS 5 O RON SPST Switch; Package: PDIP; No of Pins: 16; Temperature Range: Industrial 2.4 GHz IEEE 802.15.4标准/ ZigBee功能的RF收发 2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver 2.4 GHz IEEE 802.15.4标准/ ZigBee功能RF收发
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers List of Unclassifed Man...
|
ATWILC3000 |
Single Chip IEEE 802.11 b/g/n Link Controller withIntegrated Bluetooth 4.0
|
ATMEL Corporation
|
AT76C511 |
AT76C511 is a highly integrated WLAN Bridge-on-a-Chip based on two ARM7TDMI?RISC processors, two 10/100 Ethernet MACs, 32-bit DMA Channels, SRAM and Cache for program/data, UART, 3.3V operation, 208 pin LQFP package. Dual Ethernet to IEEE 802.11b WLAN Bridgeon-on-a-Chip(DEW-B) Dual Ethernet to IEEE 802.11b WLAN Bridge on-A Chip
|
ATMEL[ATMEL Corporation]
|
BCM94328 BCM4328 |
AirForce One SINGLE-CHIP IEEE 802.11a/b/g MAC/BASEBAND/RADIO WITH INTEGRATED CPU
|
BOARDCOM[Broadcom Corporation.]
|
CYW4343SKUBG BCM4343SKUBG |
Single-Chip IEEE 802.11 b/g/n MAC/ Baseband/Radio with Bluetooth 4.1,an FM Receiver, and Wireless Charging
|
Cypress Semiconductor
|
BCM4339XKUBGT |
Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
|
Cypress Semiconductor
|
BCM43570KFFBG |
Single-Chip 5G WiFi IEEE 802.11ac 2×2MAC/Baseband/Radio with IntegratedBluetooth 4.1 and EDR
|
Cypress Semiconductor
|
STM32W108CCU75TR STM32W108CZU75TR STM32W108CCU74TR |
High-performance, IEEE 802.15.4 wireless system-on-chip with 256-Kbyte Flash, QFN48 High-performance, IEEE 802.15.4 wireless system-on-chip with 192-Kbyte Flash, QFN48
|
ST Microelectronics
|
BCM4356XKUBG BCM4330 |
Single-Chip 5G WiFi IEEE 802.11ac 2×2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
|
Cypress Semiconductor
|
AT76C502A |
11-megabit WLAN Media Access Controller MAC 11兆无线局域网媒体访问控制器的MAC AT76C502 is a single-chip Media Access Controller (MAC) that provides all processing and functionality needed for the MAC protocol of wireless LANs (focusing on, but not limited to the IEEE 802.11b standard). This PCMCIA product has been W
|
Atmel Corp. Atmel, Corp. ATMEL[ATMEL Corporation]
|