PART |
Description |
Maker |
APTGF200U120D |
Single Switch Diodes - IGBT Single Switch with Series diodes NPT IGBT Power Module
|
ADPOW[Advanced Power Technology]
|
FST34X2245QSP FST34X2245 |
32-Bit Bus Switch with 25-Ohm Series Resistors in Outputs 32-Bit Bus Switch with 25 Series Resistors in Outputs From old datasheet system 32-Bit Bus Switch with 25з Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PDSO80
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
APTM120U10DAG08 |
Single switch with Series diodes MOSFET Power Module
|
Microsemi Corporation
|
APTM120U10SA |
Single switch Series & parallel diodes MOSFET Power Module
|
ADPOW[Advanced Power Technology]
|
APTM20UM04SAG |
Single switch Series & parallel diodes MOSFET Power Module
|
MICROSEMI[Microsemi Corporation]
|
APTM50UM19S |
Single switch Series & parallel diodes MOSFET Power Module
|
ADPOW[Advanced Power Technology]
|
APTGL475U120DAG |
Single switch with Series diode Trench Field Stop IGBT4
|
Microsemi Corporation
|
SA43 SA22 SA45A SA40A SA10 SA45 SA14 SA18 SA26 SA3 |
TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR TransZorb Transient Voltage Suppressor(TransZorb瞬变电压抑制 1/4 JACK PHONE MONO OPEN W/SWITCH 1 CONDUCTOR RES 3.4K OHM 1/10W .5% 0805 SMD /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount /Case:1206; Series:VJ; Features:Multilayer Ceramic Chip Capacitor TP Series Rocker Switch, 4 pole, 3 position, Screw terminal, Flush Panel Mounting SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 7 A, Pin Plunger Actuator, Solder Termination IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,600.0 V; IC(max) @ 25°: 60.0 A; IC(max) @ 100°: 30.0 A TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩瞬态电压抑制器
|
GE[General Semiconductor] GE Security, Inc.
|
50DP36-01-1-AJN 50DP36-01-2-AJN 50DP45-01-2-AJN 50 |
0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, DP3T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-2POSITIONS, DPDT, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED
|
Grayhill, Inc.
|
6KA24 6KA2411 |
PAR Transient Voltage Suppressors
|
Vishay Siliconix
|
|