PART |
Description |
Maker |
5439450091000 543945009500 543945009U500 543945009 |
20 AWG solid bare copper conductor, foam polyethylene insulation, bare copper braid shield, PVC jacket, sequential footage marking every two feet.
|
List of Unclassifed Man...
|
C35194102 C3519.41.02 |
C3519, Coaxial Cable, Plenum, RG58/U Type, 19 AWG Solid Bare Copper, 95% Tinned Copper Braid
|
General Cable Technologies Corporation
|
C3500.41.86 C35004186 |
C3500, Coaxial Cable, RG59/U Type, Plenum, 20 AWG Solid Copper Clad Steel, 95% Bare Copper Braid
|
General Cable Technologies Corporation
|
7960A1SW2000 7960A1SW1000 |
22 AWG Symmetric quad solid bare copper conductors, polyolefin insulation
|
List of Unclassifed Man...
|
1189A0101000 1189A0105000 1189A0091000 1189A290100 |
18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
|
List of Unclassifed Man...
|
1872A007A1000 |
23 AWG bonded-pairs, solid bare copper conductor, non-plenum, polyolefin insulation, rip cord, see color code chart
|
List of Unclassifed Man...
|
1346109 |
18 AWG bare copper conductor, foam polyethylene insulation
|
List of Unclassifed Man...
|
1346614 |
RG-174/U type 26 AWG stranded (7x34) .019 bare copper-covered steel conductor
|
List of Unclassifed Man...
|
1032A0065000 1032A0101000 1032A01010000 1032A01025 |
18 AWG pairs stranded (7x26) bare copper conductors, twisted pairs, PVC insulation
|
List of Unclassifed Man...
|
1305A |
24 AWG Bonded-Pairs stranded (7x32) bare copper conductors, polyolefin insulation
|
List of Unclassifed Man...
|
C5776.41.01 C57764101 |
C5776, Coaxial Cable, RG6/U Type, 18 AWG Solid Copper Clad Steel
|
General Cable Technologies Corporation
|
HA4-5221_883 HA7-5221_883 5962-9163401M2A 5962-916 |
Low Noise, Wideband, Precision Operational Amplifier OP-AMP, 1500 uV OFFSET-MAX, 40 MHz BAND WIDTH, CDIP8 Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FRPE - Flame Retardant Polyethylene; Leaded Process Compatible:Yes; Capacitance:27uF; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FRPE - Flame Retardant Polyethylene; Leaded Process Compatible:Yes; Capacitance:17uF; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|